Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5503CB Datasheet(PDF) 3 Page - Intersil Corporation

Part # HC5503CB
Description  Low Cost 24V SLIC For PABX / Key Systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503CB Datasheet(HTML) 3 Page - Intersil Corporation

  HC5503CB Datasheet HTML 1Page - Intersil Corporation HC5503CB Datasheet HTML 2Page - Intersil Corporation HC5503CB Datasheet HTML 3Page - Intersil Corporation HC5503CB Datasheet HTML 4Page - Intersil Corporation HC5503CB Datasheet HTML 5Page - Intersil Corporation HC5503CB Datasheet HTML 6Page - Intersil Corporation HC5503CB Datasheet HTML 7Page - Intersil Corporation HC5503CB Datasheet HTML 8Page - Intersil Corporation HC5503CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Absolute Maximum Ratings (Note 1)
Thermal Information
Maximum Continuous Supply Voltages
(VBAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -60 to 0.5V
(VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 15V
(VCC - VBAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75V
Relay Drive Voltage (VRD). . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 15V
Operating Conditions
Operating Temperature Range
HC5503 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 75°C
Relay Driver Voltage (VRD) . . . . . . . . . . . . . . . . . . . . . . . . 5V to 12V
Positive Supply Voltage (VCC). . . . . . . . . . . . . . . . . . 4.75V to 5.25V
Negative Supply Voltage (VBAT) . . . . . . . . . . . . . . . . . .-22V to -26V
High Level Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V
Low Level Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6V
Thermal Resistance (Typical, Note 2)
θ
JA (°C/W)
24 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
Die Characteristics
Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 185
Diode Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Die Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137 x 102
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Connected
Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Absolute maximum ratings are limiting values, applied individually, beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Unless Otherwise Specified, VBAT = -24V, VCC = 5V, AG = BG = DG = 0V, Typical Parameters
TA = 25°C. Min-Max Parameters are Over Operating Temperature Range.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
On Hook Power Dissipation
ILONG = 0 (Note 3), VCC = 5V
-
80
100
mW
Off Hook Power Dissipation
RL = 600Ω, ILONG = 0 (Note 4), VCC = 5V
-
180
200
mW
Off Hook IVCC
RL = 600Ω, ILONG = 0 (Note 3), TA = 0°C
-
-
6.0
mA
Off Hook IVCC
RL = 600Ω, ILONG = 0 (Note 3), TA = 25°C
-
-
4.0
mA
Off Hook IBAT
RL = 600Ω, ILONG = 0 (Notes 3, 4)
-
19
23
mA
Off Hook Loop Current
RL = 400Ω, ILONG = 0 (Note 3)
-
22.9
-
mA
Off Hook Loop Current
RL = 400Ω, VBAT = -21.6V, ILONG = 0 (Note 3),
TA = 25°C
17.5
-
-
mA
Off Hook Loop Current
RL = 200Ω, ILONG = 0 (Note 3)
-
25
30
mA
Fault Currents
TIP to Ground
(Note 4)
-
27.5
-
mA
RING to Ground
-
70
-
mA
TIP to RING
(Note 4)
-
30
-
mA
TIP and RING to Ground
-
140
-
mA
Ring Relay Drive VOL
IOL = 62mA
-
0.2
0.5
V
Ring Relay Driver Off Leakage
VRD = 12V, RC = 1 = HIGH, TA = 25°C
-
-
25
µA
Ring Trip Detection Period
RL = 600Ω, (Note 5)
-
2
3
Ring Cycles
Switch Hook Detection Threshold
5
-
10.5
mA
Loop Current During Power Denial
RL = 200Ω
-
±2
-
mA
HC5503


Similar Part No. - HC5503CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC5503CB RENESAS-HC5503CB Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
HC5503CBZ RENESAS-HC5503CBZ Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
HC5503CBZ96 RENESAS-HC5503CBZ96 Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
More results

Similar Description - HC5503CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC5503 RENESAS-HC5503 Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
   EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
logo
List of Unclassifed Man...
AG1110 ETC1-AG1110 Datasheet
437Kb / 10P
   LOW COST SLIC
logo
STMicroelectronics
L3234 STMICROELECTRONICS-L3234 Datasheet
457Kb / 26P
   HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
logo
Intersil Corporation
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
   ITU CO/PABX SLIC with Low Power Standby
August 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com