Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S87C654-4B44 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # S87C654-4B44
Description  80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S87C654-4B44 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button S87C654-4B44 Datasheet HTML 5Page - NXP Semiconductors S87C654-4B44 Datasheet HTML 6Page - NXP Semiconductors S87C654-4B44 Datasheet HTML 7Page - NXP Semiconductors S87C654-4B44 Datasheet HTML 8Page - NXP Semiconductors S87C654-4B44 Datasheet HTML 9Page - NXP Semiconductors S87C654-4B44 Datasheet HTML 10Page - NXP Semiconductors S87C654-4B44 Datasheet HTML 11Page - NXP Semiconductors S87C654-4B44 Datasheet HTML 12Page - NXP Semiconductors S87C654-4B44 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Philips Semiconductors
Product specification
87C652/87C654
80C51 8-bit microcontroller
8K/16K, 256 OTP, I2C
1999 Jul 23
9
DC ELECTRICAL CHARACTERISTICS
VSS = 0 V
TEST
LIMITS
SYMBOL
PARAMETER
PART TYPE
CONDITIONS
MIN.
MAX.
UNIT
VIL
Input low voltage,
except EA, P1.6/SCL, P1.7/SDA
0 to +70
°C
–40 to +85
°C
–0.5
–0.5
0.2VCC–0.1
0.2VCC–0.15
V
V
VIL1
Input low voltage to EA
0 to +70
°C
–40 to +85
°C
–0.5
–0.5
0.2VCC–0.3
0.2VCC–0.35
V
V
VIL2
Input low voltage to P1.6/SCL, P1.7/SDA1
–0.5
0.3VCC
V
VIH
Input high voltage,
except XTAL1, RST, P1.6/SCL, P1.7/SDA
0 to +70
°C
–40 to +85
°C
0.2VCC+0.9
0.2VCC+1.0
VCC+0.5
VCC+0.5
V
V
VIH1
Input high voltage, XTAL1, RST
0 to +70
°C
–40 to +85
°C
0.7VCC
0.7VCC+0.1
VCC+0.5
VCC+0.5
V
V
VIH2
Input high voltage, P1.6/SCL, P1.7/SDA1
0.7VCC
6.0
V
VOL
Output low voltage, ports 1, 2, 3,
except P1.6/SCL, P1.7/SDA
IOL = 1.6mA2, 3
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN
IOL = 3.2mA2, 3
0.45
V
VOL2
Output low voltage, P1.6/SCL, P1.7/SDA
IOL = 3.0mA
0.4
V
VOH
Output high voltage, ports 1, 2, 3
0 to +70
°C
–40 to +85
°C
IOH = –60µA
IOH = –25µA
2.4
0.75VCC
V
V
VOH1
Output high voltage; port 0 in external bus mode,
ALE, PSEN, RST4
0 to +70
°C
–40 to +85
°C
IOH = –400µA
IOH = –150µA
2.4
0.75VCC
V
V
IIL
Logical 0 input current, ports 1, 2, 3, 4,
except P1.6/SCL, P1.7/SDA
0 to +70
°C
–40 to +85
°C
VIN = 0.45V
–50
–75
µA
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3,
except P1.6/SCL, P1.7/SDA
0 to +70
°C
–40 to +85
°C
See note 5
–650
–750
µA
µA
IL1
Input leakage current, port 0
0.45V < VI < VCC
±10
µA
IL2
Input leakage current, P1.6/SCL, P1.7/SDA
0V < VI < 6.0V
0V < VCC < 6.0V
±10
µA
µA
ICC
Power supply current:
See note 6
VCC=6.0V
Active mode @ 16 MHz7
25
mA
Idle mode @ 16 MHz8
6
mA
Power down mode9, 10
0 to +70
°C
50
µA
Power down mode9, 10
–40 to +85
°C
135
µA
RRST
Internal reset pull-down resistor
50
150
k
CIO
Pin capacitance
Freq.=1 MHz
10
pF
NOTES:
1. The input threshold voltage of P1.6 and P1.7 (SIO1) meets the I2C specification, so an input voltage below 0.3VCC will be recognized as a
logic 0 while an input voltage above 0.7VCC will be recognized as a logic 1.
2. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100 pF), the noise pulse on the ALE pin may exceed 0.8 V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input. IOL can exceed these conditions provided that no
single output sinks more than 5 mA and no more than two outputs exceed the test conditions.
3. Under steady state (non-transient) conditions, IOL must be externally limited as follows: Maximum IOL = 10 mA per port pin; Maximum
IOL = 26 mA total for Port 0; Maximum IOL = 15 mA total for Ports 1, 2, and 3; Maximum IOL = 71 mA total for all output pins. If IOL exceeds
the test conditions, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test conditions.
4. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0.9VCC specification when the
address bits are stabilizing.
5. Pins of ports 1 , 2, and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2 V.
6. See Figures 9 through 11 for ICC test conditions.
7. The operating supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 10ns;
VIL = VSS + 0.5 V; VIH = VCC –0.5 V; XTAL2 not connected; EA = RST = Port 0 = P1.6 = P1.7 = VCC; fCLK = 16 MHz. See Figure 9.
8. The idle mode supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 10 ns; VIL = VSS + 0.5 V;
VIH = VCC –0.5 V; XTAL2 not connected; Port 0 = P1.6 = P1.7 = VCC; EA = RST = VSS; fCLK = 16 MHz. See Figure 10.
9. The power-down current is measured with all output pins disconnected; XTAL2 not connected; Port 0 = P1.6 = P1.7 = VCC;
EA = RST = VSS. See Figure 11.
10. 2V
≤ VPD ≤ VCCmax.


Similar Part No. - S87C654-4B44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S87C654-4B44 PHILIPS-S87C654-4B44 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
S87C654-4B44 PHILIPS-S87C654-4B44 Datasheet
480Kb / 28P
   CMOS single-chip 8-bit microcontroller
1996 Aug 16
More results

Similar Description - S87C654-4B44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
87C552 PHILIPS-87C552 Datasheet
193Kb / 24P
   80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
89C51 PHILIPS-89C51 Datasheet
212Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
87C524 PHILIPS-87C524 Datasheet
186Kb / 26P
   80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
83C754 PHILIPS-83C754 Datasheet
217Kb / 26P
   80C51 8-bit microcontroller family 4K/256 OTP/ROM, DAC, comparator, UART, reference
1998 Apr 23
P87C552 PHILIPS-P87C552 Datasheet
368Kb / 74P
   80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
1999 Mar 30
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com