Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ3843MM Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AZ3843MM
Description  CURRENT MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AZ3843MM Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AZ3843MM Datasheet HTML 2Page - Advanced Analog Technology, Inc. AZ3843MM Datasheet HTML 3Page - Advanced Analog Technology, Inc. AZ3843MM Datasheet HTML 4Page - Advanced Analog Technology, Inc. AZ3843MM Datasheet HTML 5Page - Advanced Analog Technology, Inc. AZ3843MM Datasheet HTML 6Page - Advanced Analog Technology, Inc. AZ3843MM Datasheet HTML 7Page - Advanced Analog Technology, Inc. AZ3843MM Datasheet HTML 8Page - Advanced Analog Technology, Inc. AZ3843MM Datasheet HTML 9Page - Advanced Analog Technology, Inc. AZ3843MM Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CURRENT MODE PWM CONTROLLER
AZ3842/3/4/5
Advanced Analog Circuits
Data Sheet
6
March 2003
Rev: 1.0
Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Fall Time
tF
TJ=25oC, CL=1nF (Note 6)
50
150
ns
UNDER -VOLTAGE LOCKOUT SECTION
Start Threshold
VTH(ST)
AZ3842/AZ3844
14.5
15.5
16.5
V
AZ3843/AZ3845
7.8
8.4
9.0
V
Min. Operation Voltage
(After Turn On)
VOPR
(Min.)
AZ3842/AZ3844
8.5
10.0
11.5
V
AZ3843/AZ3845
7.0
7.6
8.2
V
PWM SECTION
Max. Duty Cycle
D(Max.)
AZ3842/AZ3843
93
95
100
%
D(Max.)
AZ3844/AZ3845
46
48
50
%
Min. Duty Cycle
D(Min.)
0
%
TOTAL STANDBY CURRENT SECTION
Start-Up Current
IST
0.6
1
mA
Operating Supply Current
ICC(OPR)
Vpin3=Vpin2=0V
10
14
mA
Zener Voltage
VZ
ICC=25mA
30
34
V
OVER-TEMPERATURE PROTECT SECTION
Shutdown Temperature
TSHUT
(Note 6)
165
oC
Temperature Hysteresis
THYS
(Note 6)
25
oC
A=
, 0 Vpin3 0.8V
∆VPin 3
Note 4: Parameters are tested at trip point of latch with Vpin2 = 0.
Note 5: Here gain is defined as:
∆VPin 1
Note 6: These parameters, although guaranteed, are not 100% tested in production.
Figure 4. Basic Test Circuit
1
2
8
7
AZ3842
3
45
6
VREF
VCC
OUTPUT
GND
RT/CT
ISENSE
VFB
COMP
VREF
VCC
OUTPUT
GND
1K
1W
CT
5k
ISENSE
ADJUST
1k
ERROR AMP
ADJUST
4.7k
100k
2N2222
4.7k
RT
0.1
µf
0.1
µf
A


Similar Part No. - AZ3843MM

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AZ384XGM ANALOGICTECH-AZ384XGM Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGM-E1 ANALOGICTECH-AZ384XGM-E1 Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGMTR ANALOGICTECH-AZ384XGMTR Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGMTR-E1 ANALOGICTECH-AZ384XGMTR-E1 Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGP ANALOGICTECH-AZ384XGP Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AZ3843MM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com