Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ3842P Datasheet(PDF) 7 Page - Advanced Analog Technology, Inc.

Part # AZ3842P
Description  CURRENT MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AZ3842P Datasheet(HTML) 7 Page - Advanced Analog Technology, Inc.

Back Button AZ3842P Datasheet HTML 3Page - Advanced Analog Technology, Inc. AZ3842P Datasheet HTML 4Page - Advanced Analog Technology, Inc. AZ3842P Datasheet HTML 5Page - Advanced Analog Technology, Inc. AZ3842P Datasheet HTML 6Page - Advanced Analog Technology, Inc. AZ3842P Datasheet HTML 7Page - Advanced Analog Technology, Inc. AZ3842P Datasheet HTML 8Page - Advanced Analog Technology, Inc. AZ3842P Datasheet HTML 9Page - Advanced Analog Technology, Inc. AZ3842P Datasheet HTML 10Page - Advanced Analog Technology, Inc. AZ3842P Datasheet HTML 11Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CURRENT MODE PWM CONTROLLER
AZ3842/3/4/5
Advanced Analog Circuits
Data Sheet
7
March 2003
Rev: 1.0
Electrical Characteristics (Continued)
Figure 4 is the basic test circuit for AZ384x. In testing, the high peak currents associated with capacitive loads necessitate
careful grounding techniques. Timing and bypass capacitors should be connected close to pin 5 in a single point ground. The
transistor and 5k potentiometer are used to sample the oscillator waveform and apply an adjustable ramp to pin 3.
Figure 7. Reference Voltage vs. Ambient Temperature
Figure 8. Start-up Current vs. Ambient Temperature
Typical Performance Characteristics
Figure 5. Oscillator Dead Time vs. Timing Capacitor
Figure 6. Timing Resistor vs. Frequency
-40
-20
0
20406080
100
120
0.4
0.5
0.6
0.7
0.8
0.9
1.0
AZ3842
Ambient Temperature (
oC)
110
100
1
10
0.3
30
3
47
22
4.7
2.2
Timing Capacitor (nF)
100
1k
10k
100k
1M
10k
100k
5K
50K
Frequency (Hz)
-40
-20
0
20
40
60
80
100
120
4.980
4.985
4.990
4.995
5.000
5.005
5.010
5.015
V
CC=15V, IO=1mA
Ambient Temperature (
oC)


Similar Part No. - AZ3842P

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AZ384XGM ANALOGICTECH-AZ384XGM Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGM-E1 ANALOGICTECH-AZ384XGM-E1 Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGMTR ANALOGICTECH-AZ384XGMTR Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGMTR-E1 ANALOGICTECH-AZ384XGMTR-E1 Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGP ANALOGICTECH-AZ384XGP Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AZ3842P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com