Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ3845 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AZ3845
Description  CURRENT MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AZ3845 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AZ3845 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AZ3845 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AZ3845 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AZ3845 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AZ3845 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AZ3845 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AZ3845 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AZ3845 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AZ3845 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CURRENT MODE PWM CONTROLLER
AZ3842/3/4/5
Advanced Analog Circuits
Data Sheet
3
March 2003
Rev: 1.0
Functional Block Diagram
Figure 3. Functional Block Diagram of AZ3842/3/4/5
VCC
GND
RT/CT
VFB
ISENSE
COMP
VCC (PWR VC)
VREF
OUTPUT
A(B)
OSC
VREF
GOOD
LOGIC
OVER TEMP
PROTECT
T
INTERNAL
BIAS
2R
R
S/R
5V
REF
UVLO
2.50V
PWN
LATCH
CURRENT
SENSE
COMPARATOR
ERROR
AMP
34V
1V
7(12)
5(9)
4(7)
2(3)
1(1)
3(5)
7(11)
8(14)
6(10)
S
R
Note: Toggle flip-flop used
for 3844/45 only
(Note)
5(8)
GND
(PWR GND)
A for 8-pin
B for 14-pin
Package
Temperature Range
Part Number
Marking ID
Packing Type
SOIC-8
-40oC~85oC
AZ3842/3/4/5M
3842/3/4/5M
Tape/Reel/Tube
DIP-8
AZ3842/3/4/5P
AZ3842/3/4/5P
Tube
SOIC-14
AZ3842/3/4/5MM
AZ3842/3/4/5MM
Tape/Reel
Ordering Information


Similar Part No. - AZ3845

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AZ384XGM ANALOGICTECH-AZ384XGM Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGM-E1 ANALOGICTECH-AZ384XGM-E1 Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGMTR ANALOGICTECH-AZ384XGMTR Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGMTR-E1 ANALOGICTECH-AZ384XGMTR-E1 Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGP ANALOGICTECH-AZ384XGP Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AZ3845

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com