Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL8506 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. BL8506
Description  High-precision Low Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

BL8506 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.belling.com.cn
Ver1.1
1
High-precision Low Voltage Detector
BL8506
Selection Guide:
BL8506-XX X XX
Outline:
BL8506 is a series of high precision voltage
detector with ultra low current consumption
(500nA typ. at Vdd=3.0V). It can work at very
low voltage, which makes it perfect for system
reset.
BL8506 is composed of high precision
voltage reference, comparator, output driver and
resistor array. Internally preset detect voltage
has a low temperature drift and requires no
external trimming.
Two type of output, CMOS and N-channel
open-drain are available.
BL8506 is available in SOT-89-3,SOT-23-3
TO92, SOT23-5 packages which is Pb free.
Features:
High-precision detection Voltage: ±2%
Detection Voltage:0.9V~6.0V (in 0.1V steps)
Precise hysteresis:4% typ.
Operating Voltage range:0.7V~10V
Ultra-low current consumption:500nA typ. (at
VDD=3.0V)
Two Output forms :CMOS and N-channel
open-drain
Application:
Power monitor for portable equipment such as
PDA,DSC,Mobile phone,Notebook,MP3
CPU and Logic Circuit Reset
Battery Checker
Battery Back-up Circuit
Power Failure Detector
Pin Assignment:
Package Type:
RM: SOT-23-3
RN: SOT-23-5
SM: SOT-89-3
T:
TO-92
(Default、Pb Free)
Output Type:
N:Nch Open-drain
C:CMOS
Detector Voltage:
09……0.9V
30……3.0V
……
50……5.0V
60……6.0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn