Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL8506 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. BL8506
Description  High-precision Low Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

BL8506 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.belling.com.cn
Ver1.1
3
BL8506
Block diagram:
Absolute Maximum Ratings:
Input Voltage range -------------------------------------------------------------------------------------0.3V~12V
Output Voltage range-----------------------------------------------------------------------------------0.3V~12V
Maximum Output current -----------------------------------------------------------------------------70mA
Maximum power dissipation -------------------------------------------------------------------------150mW
Ambient temperature ---------------------------------------------------------------------------------- -40~+70
°C
Storage temperature----------------------------------------------------------------------------------- -40~125
°C
Lead temperature and time --------------------------------------------------------------------------260
°C,10S
Recommended Work Conditions:
Item
Min
Recommended
Max
unit
Input Voltage range
0.7
10
V
Ambient temperature
-40
25
70
Electrical Characteristics:
BL8506-09C/NXX(0.9V)
(Topt=25℃,Unless otherwise specified.)
Reference data
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
-VDET
Detector Threshold
0.882
0.9
0.918
V
VHYS
Detector Threshold
Hysteresis
0.018
0.036
0.054
V
ISS
Current consumption
VDD=2.9V
1
1.5
uA
VDDH
Maximum operating
voltage
10
V
VDDL
Minimum Operating
voltage
0.5
V
IOUT
Output current
Nch
VDS=0.05V,VDD=0.7V
VDS=0.50V,VDD=0.8V
0.01
0.05
0.05
0.50
mA
N channel open-drain
CMOS output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn