Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ384XGP-E1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AZ384XGP-E1
Description  GREEN MODE PWM CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AZ384XGP-E1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AZ384XGP-E1 Datasheet HTML 2Page - Advanced Analogic Technologies AZ384XGP-E1 Datasheet HTML 3Page - Advanced Analogic Technologies AZ384XGP-E1 Datasheet HTML 4Page - Advanced Analogic Technologies AZ384XGP-E1 Datasheet HTML 5Page - Advanced Analogic Technologies AZ384XGP-E1 Datasheet HTML 6Page - Advanced Analogic Technologies AZ384XGP-E1 Datasheet HTML 7Page - Advanced Analogic Technologies AZ384XGP-E1 Datasheet HTML 8Page - Advanced Analogic Technologies AZ384XGP-E1 Datasheet HTML 9Page - Advanced Analogic Technologies AZ384XGP-E1 Datasheet HTML 10Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Preliminary Datasheet
BCD Semiconductor Manufacturing Limited
Figure 7. Reference Voltage vs. Ambient Temperature
Figure 8. Start-up Current vs. Supply Voltage
Typical Performance Characteristics
Figure 5. Oscillator Dead Time vs. Timing Capacitor
Figure 6. Timing Resistor vs. Frequency
110
100
1
10
0.3
30
3
47
22
4.7
2.2
Timing Capacitor (nF)
100
1k
10k
100k
1M
10k
100k
5K
50K
Frequency (Hz)
-40
-20
0
20
40
60
80
100
120
4.980
4.985
4.990
4.995
5.000
5.005
5.010
5.015
V
CC=15V, IO=1mA
Ambient Temperature (
oC)
0
2
4
6
8
10
12
14
16
18
0
10
20
30
40
50
60
Supply Voltage (V)
AP3842G/44G


Similar Part No. - AZ384XGP-E1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AZ3842 AAT-AZ3842 Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
AZ3842M AAT-AZ3842M Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
AZ3842MM AAT-AZ3842MM Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
AZ3842P AAT-AZ3842P Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
AZ3843 AAT-AZ3843 Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - AZ384XGP-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com