Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ384XGPTR-E1 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AZ384XGPTR-E1
Description  GREEN MODE PWM CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AZ384XGPTR-E1 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AZ384XGPTR-E1 Datasheet HTML 1Page - Advanced Analogic Technologies AZ384XGPTR-E1 Datasheet HTML 2Page - Advanced Analogic Technologies AZ384XGPTR-E1 Datasheet HTML 3Page - Advanced Analogic Technologies AZ384XGPTR-E1 Datasheet HTML 4Page - Advanced Analogic Technologies AZ384XGPTR-E1 Datasheet HTML 5Page - Advanced Analogic Technologies AZ384XGPTR-E1 Datasheet HTML 6Page - Advanced Analogic Technologies AZ384XGPTR-E1 Datasheet HTML 7Page - Advanced Analogic Technologies AZ384XGPTR-E1 Datasheet HTML 8Page - Advanced Analogic Technologies AZ384XGPTR-E1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Preliminary Datasheet
BCD Semiconductor Manufacturing Limited
(VCC=15V, RT=10kΩ CT=3.3nF, TA= -40 to 85oC, unless otherwise specified.)
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage
VREF
TJ=25oC, IREF=1mA
4.95
5.00
5.05
V
Total Output Variation
Line, Load, Temp.
4.9
5.10
V
Line Regulation
∆VREF
12V
≤ VCC ≤25V
4
15
mV
Load Regulation
∆VREF
1mA
≤ IREF ≤20mA
4
15
mV
Short Circuit Output Current
ISC
TA=25oC
-100
-180
mA
Temperature Stability
0.2
0.4
mV/oC
UNDER VOLTAGE LOCK OUT SECTION
Start-up Threshold
AP3842G/AP3844G
15
16
17
V
AP3843G/AP3845G
7.8
8.4
9.0
Minimum Operating Voltage
AP3842G/AP3844G
8.5
10
11.5
V
AP3843G/AP3845G
7.0
7.6
8.2
TOTAL STANDBY CURRENT SECTION
Start-up Current
VCC=14V
40
80
µA
Operating Current
VFB=0, VCS=0, CL=1nF
8
mA
Standby Operating Current
VFB=2.7V, VCS=0.5V
6
mA
Zener Voltage
ICC=25mA
30
34
V
PWM SECTION
Maximum Duty Cycle
AP3842G/AP3843G
94
96
%
AP3844G/AP3845G
46
48
50
Minimum Duty Cycle
0%
OSCILLATOR SECTION
Oscillation Frequency
f
TJ=25oC
47
52
57
KHz
Oscillator Amplitude
VOSC
Pin RT/CT, peak to peak
1.7
V
Temperature Stability
2
%
Voltage Stability
12V ≤ VCC ≤ 25V
0.2
1
%
Discharge Current
VRT/CT = 2V (Note 4)
8.5
9.5
10.5
mA
Note 4: This parameter is measured with RT=10kto VREF, it contributes 0.3mA of current to the measured value.
So the total current flowing into the CT pin will be 0.3mA higher than the measured value approximately.


Similar Part No. - AZ384XGPTR-E1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AZ3842 AAT-AZ3842 Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
AZ3842M AAT-AZ3842M Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
AZ3842MM AAT-AZ3842MM Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
AZ3842P AAT-AZ3842P Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
AZ3843 AAT-AZ3843 Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - AZ384XGPTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com