Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS8481 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. ADS8481
Description  18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8481 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS8481 Datasheet HTML 1Page - Burr-Brown (TI) ADS8481 Datasheet HTML 2Page - Burr-Brown (TI) ADS8481 Datasheet HTML 3Page - Burr-Brown (TI) ADS8481 Datasheet HTML 4Page - Burr-Brown (TI) ADS8481 Datasheet HTML 5Page - Burr-Brown (TI) ADS8481 Datasheet HTML 6Page - Burr-Brown (TI) ADS8481 Datasheet HTML 7Page - Burr-Brown (TI) ADS8481 Datasheet HTML 8Page - Burr-Brown (TI) ADS8481 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
www.ti.com
SPECIFICATIONS (Continued)
ADS8481
SLAS385A – FEBRUARY 2006 – REVISED MARCH 2006
T
A = –40°C to 85°C, +VA = 5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 1 MSPS (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE OUTPUT
Internal reference start-up time
From 95% (+VA), with 1-
µF storage capacitor
120
ms
Reference voltage range, Vref
IO = 0 A
4.081
4.096
4.111
V
Source current
Static load
10
µA
Line regulation
+VA = 4.75 V to 5.25 V
60
µV
Drift
IO = 0 A
±6
PPM/C
DIGITAL INPUT/OUTPUT
Logic family – CMOS
VIH
IIH = 5 µA
+VBD–1
+VBD +0.3
VIL
IIL = 5 µA
–0.3
0.8
Logic level
V
VOH
IOH = 2 TTL loads
+VBD– 0.6
VOL
IOL = 2 TTL loads
0.4
Data format – Straight Binary
POWER SUPPLY REQUIREMENTS
+VBD
2.7
3.3
5.25
V
Power supply
voltage
+VA
4.75
5
5.25
V
Supply current(1)
fs = 1 MHz
44
48
mA
Power dissipation(1)
fs = 1 MHz
220
240
mW
TEMPERATURE RANGE
Operating free-air
–40
85
°C
(1)
This includes only +VA current. +VBD current is typical 1 mA with 5 pF load capacitance on all output pins.
5
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ADS8412 16-BIT 2 MSPS UNIPOLAR DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8380 18-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8383 18-BIT 500-kHz UNIPOLAR INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1  2  3  4  5  More Texas Instruments
ADS8411 16-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8411 16-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8402 16-BIT 1.25 MSPS UNIPOLAR DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8370 16-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8381 18-BIT 580-kHz UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1  2  3  4  5  More Texas Instruments
ADS8401 16-BIT 1.25 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8406 16-BIT 1.25 MSPS PSEUDO-BIPOLAR FULLY DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1  2  3  4  5  More Burr-Brown (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn