Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89C51 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # 89C51
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

89C51 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button 89C51 Datasheet HTML 18Page - NXP Semiconductors 89C51 Datasheet HTML 19Page - NXP Semiconductors 89C51 Datasheet HTML 20Page - NXP Semiconductors 89C51 Datasheet HTML 21Page - NXP Semiconductors 89C51 Datasheet HTML 22Page - NXP Semiconductors 89C51 Datasheet HTML 23Page - NXP Semiconductors 89C51 Datasheet HTML 24Page - NXP Semiconductors 89C51 Datasheet HTML 25Page - NXP Semiconductors 89C51 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Philips Semiconductors
Product specification
89C51/89C52/89C54/89C58
80C51 8-bit microcontroller family
4K/8K/16K/32K Flash
1999 Oct 27
22
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5 V ±10%, VSS = 0V1, 2, 3
VARIABLE CLOCK4
33MHz CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
14
Oscillator frequency
Speed versions:
I;J;U (33 MHz)
3.5
33
3.5
33
MHz
tLHLL
14
ALE pulse width
2tCLCL–40
21
ns
tAVLL
14
Address valid to ALE low
tCLCL–25
5
ns
tLLAX
14
Address hold after ALE low
tCLCL–25
5
ns
tLLIV
14
ALE low to valid instruction in
4tCLCL–65
55
ns
tLLPL
14
ALE low to PSEN low
tCLCL–25
5
ns
tPLPH
14
PSEN pulse width
3tCLCL–45
45
ns
tPLIV
14
PSEN low to valid instruction in
3tCLCL–60
30
ns
tPXIX
14
Input instruction hold after PSEN
0
0
ns
tPXIZ
14
Input instruction float after PSEN
tCLCL–25
5
ns
tAVIV
14
Address to valid instruction in
5tCLCL–80
70
ns
tPLAZ
14
PSEN low to address float
10
10
ns
Data Memory
tRLRH
15, 16
RD pulse width
6tCLCL–100
82
ns
tWLWH
15, 16
WR pulse width
6tCLCL–100
82
ns
tRLDV
15, 16
RD low to valid data in
5tCLCL–90
60
ns
tRHDX
15, 16
Data hold after RD
0
0
ns
tRHDZ
15, 16
Data float after RD
2tCLCL–28
32
ns
tLLDV
15, 16
ALE low to valid data in
8tCLCL–150
90
ns
tAVDV
15, 16
Address to valid data in
9tCLCL–165
105
ns
tLLWL
15, 16
ALE low to RD or WR low
3tCLCL–50
3tCLCL+50
40
140
ns
tAVWL
15, 16
Address valid to WR low or RD low
4tCLCL–75
45
ns
tQVWX
15, 16
Data valid to WR transition
tCLCL–30
0
ns
tWHQX
15, 16
Data hold after WR
tCLCL–25
5
ns
tQVWH
16
Data valid to WR high
7tCLCL–130
80
ns
tRLAZ
15, 16
RD low to address float
0
0
ns
tWHLH
15, 16
RD or WR high to ALE high
tCLCL–25
tCLCL+25
5
55
ns
External Clock
tCHCX
18
High time
17
tCLCL–tCLCX
ns
tCLCX
18
Low time
17
tCLCL–tCHCX
ns
tCLCH
18
Rise time
5
ns
tCHCL
18
Fall time
5
ns
Shift Register
tXLXL
17
Serial port clock cycle time
12tCLCL
360
ns
tQVXH
17
Output data setup to clock rising edge
10tCLCL–133
167
ns
tXHQX
17
Output data hold after clock rising edge
2tCLCL–80
50
ns
tXHDX
17
Input data hold after clock rising edge
0
0
ns
tXHDV
17
Clock rising edge to input data valid
10tCLCL–133
167
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
3. Interfacing the microcontroller to devices with float times up to 45 ns is permitted. This limited bus contention will not cause damage to Port 0 drivers.
4. Parts are guaranteed to operate down to 0 Hz.


Similar Part No. - 89C51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
89C51 PHILIPS-89C51 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
logo
ATMEL Corporation
89C51CC02CA-UM ATMEL-89C51CC02CA-UM Datasheet
1Mb / 159P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
89C51CC02UA-UM ATMEL-89C51CC02UA-UM Datasheet
1Mb / 159P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
89C51ED2 ATMEL-89C51ED2 Datasheet
1Mb / 24P
   8-bit Flash Microcontroller
89C51ED2 ATMEL-89C51ED2 Datasheet
1Mb / 24P
   FLASH 8-bit C51 Microcontroller
More results

Similar Description - 89C51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C60X2 PHILIPS-P89C60X2 Datasheet
342Kb / 56P
   80C51 8-bit Flash microcontroller family
2003 Sep 11
P89C660 PHILIPS-P89C660 Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C51X2 PHILIPS-P89C51X2 Datasheet
319Kb / 48P
   80C51 8-bit Flash microcontroller family
2002 Jun 05
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com