Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87LPC769 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 43Page - NXP Semiconductors 87LPC769 Datasheet HTML 44Page - NXP Semiconductors 87LPC769 Datasheet HTML 45Page - NXP Semiconductors 87LPC769 Datasheet HTML 46Page - NXP Semiconductors 87LPC769 Datasheet HTML 47Page - NXP Semiconductors 87LPC769 Datasheet HTML 48Page - NXP Semiconductors 87LPC769 Datasheet HTML 49Page - NXP Semiconductors 87LPC769 Datasheet HTML 50Page - NXP Semiconductors 87LPC769 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
44
START
BIT
SU01180
80C51 INTERNAL BUS
WRITE TO SBUF
SBUF
ZERO DETECTOR
TxD
P1.0 ALT OUTPUT
FUNCTION
TX CONTROL
S
TX CLOCK
START
Q
CL
D
SERIAL PORT INTERRUPT
SHIFT
SEND
LOAD
SBUF
TI
INPUT SHIFT REGISTER
START
RI
LOAD SBUF
SHIFT
RX
CLOCK
1FFH
RX CONTROL
SBUF
READ
SBUF
RxD
P1.1 ALT
INPUT
FUNCTION
80C51 INTERNAL BUS
DATA
TB8
÷16
÷16
÷2
PHASE 2 CLOCK
(1/2 fOSC)
1-TO-0
TRANSITION
DETECTOR
BIT DETECTOR
STOP BIT GEN.
SMOD1 = 0
SMOD1
= 1
TRANSMIT
START
BIT
STOP BIT
TX CLOCK
WRITE TO SBUF
SEND
DATA
SHIFT
TxD
TI
D0
D1
D5
D2
D6
D3
D4
D7
RECEIVE
RX CLOCK
SHIFT
RI
BIT DETECTOR SAMPLE TIMES
STOP BIT
RxD
D0
D1
D5
D2
D6
D3
D4
D7
÷ 16 RESET
TB8
STOP BIT GEN.
RB8
Figure 34. Serial Port Mode 2


Similar Part No. - 87LPC769

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
87LPC764 PHILIPS-87LPC764 Datasheet
307Kb / 56P
   Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
2001 Oct 26
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
87LPC768 PHILIPS-87LPC768 Datasheet
337Kb / 64P
   Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
More results

Similar Description - 87LPC769

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87LPC768 PHILIPS-87LPC768 Datasheet
337Kb / 64P
   Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
87LPC764 PHILIPS-87LPC764 Datasheet
307Kb / 56P
   Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
2001 Oct 26
P87LPC764BN112 PHILIPS-P87LPC764BN112 Datasheet
329Kb / 60P
   Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
P87LPC764 PHILIPS-P87LPC764 Datasheet
322Kb / 60P
   Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
P87LPC759 PHILIPS-P87LPC759 Datasheet
168Kb / 38P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 21
P87LPC760 PHILIPS-P87LPC760 Datasheet
290Kb / 56P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 07
P87LPC761 PHILIPS-P87LPC761 Datasheet
299Kb / 58P
   Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
2002 Mar 07
logo
ATMEL Corporation
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com