Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM5201DT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM5201DT
Description  HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM5201DT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM5201DT Datasheet HTML 1Page - List of Unclassifed Manufacturers OM5201DT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 - 43
3.2
4 11 R5
Supersedes 1 07 R4
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY,
CENTER-TAP RECTIFIER
FEATURES
• Very Low Forward Voltage
• Very Fast Recovery Time
• Hermetic Metal Package, JEDEC TO-257AA Outline
• Low Thermal Resistance
• Isolated Package
• High Surge
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at
power switching frequencies in excess of 100 kHz. The series combines two high
efficiency devices into one package, simplifying installation, reducing heat sink
hardware, and the need to obtain matched components. These devices are ideally
suited for Hi-Rel applications where small size and a hermetically sealed package
is required. Common anode configurations are also available. Common cathode
is standard.
ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25°C
Peak Inverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 600 V
Maximum Average D.C. Output Current @ T
C = 100° C . . . . . . . . . . . . . . . . . . . .
8A
Surge Current (Non-Repetitive 8.3 msec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . - 55° C to + 150° C
X.
OM5234ST/RT/DT
16 Amp, 50 To 600 Volts, 35 To 50 ns trr
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
MECHANICAL OUTLINE
OM5201ST/RT/DT
OM5202ST/RT/DT
OM5203ST/RT/DT
OM5216ST/RT/DT
OM5217ST/RT/DT
OM5233ST/RT/DT
123
COMMON
ANODE
COMMON
CATHODE
DOUBLER
1
3
2
1
3
2
1
2
3
SCHEMATIC
Common cathode is standard. Contact the factory for performance
characteristics for common anode and doubler.
Z-Tab package also available.
OMXXXXRT
OMXXXXST
OMXXXXDT


Similar Part No. - OM5201DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5201DT ETC2-OM5201DT Datasheet
25Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
More results

Similar Description - OM5201DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5201STRT ETC2-OM5201STRT Datasheet
25Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5261ST ETC2-OM5261ST Datasheet
27Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER
OM5320ST ETC1-OM5320ST Datasheet
22Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
OM5257SA ETC2-OM5257SA Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5204SC ETC1-OM5204SC Datasheet
35Kb / 2P
   HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5221SA ETC2-OM5221SA Datasheet
40Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5262SA ETC2-OM5262SA Datasheet
27Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER
logo
International Rectifier
OM5324SA IRF-OM5324SA Datasheet
24Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
logo
List of Unclassifed Man...
OM5328SC ETC1-OM5328SC Datasheet
20Kb / 2P
   HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
OM5010ST ETC1-OM5010ST Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com