Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M68757H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M68757H
Description  SILICON MOS FET POWER AMPLIFIER, 896-941MHz, 3W FM PORTABLE RADIO
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M68757H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON MOS FET POWER AMPLIFIER, 896-941MHz, 3W FM PORTABLE RADIO
M68757H
MITSUBISHI RF POWER MODULE
Nov. ´97
PIN:
Pin
: RF INPUT
VGG : GATE BIAS SUPPLY
VDD : DRAIN BIAS SUPPLY
PO
: RF OUTPUT
GND: FIN
BLOCK DIAGRAM
1
2
3
4
5
No degradation or
destroy
Symbol
Parameter
Test conditions
Limits
Min
Max
Unit
f
PO
ηT
2fO
ρin
Frequency range
Output power
Total efficiency
2nd. harmonic
Input VSWR
Load VSWR tolerance
Stability
VDD=7.2V, VGG=3.5V, Pin=50mW
VDD=9V, Pin=50mW,
PO=3W (VGG Adjust), ZL=20:1
ZG=ZL=50
Ω, VDD=5-9.2V,
Load VSWR <4:1
896
941
3
30
-28
4
No parasitic oscillation
MHz
W
%
dBc
-
Note. Above parameters, ratings, limits and test conditions are subject to change.
ELECTRICAL CHARACTERISTICS (Tc=25
°C, ZG=ZL=50Ω unless otherwise noted)
ABSOLUTE MAXIMUM RATINGS (Tc=25
°C unless otherwise noted)
Note. Above parameters are guaranteed independently.
Symbol
Parameter
Conditions
Ratings
Unit
V
9.2
VDD
Supply voltage
V
4
VGG
Gate bias voltage
mW
70
Pin
Input power
W
5
PO
Output power
°C
-30 to +100
TC (OP)
Operation case temperature
°C
-40 to +100
Tstg
Storage temperature
VGG
≤3.5V, ZG=ZL=50Ω
f=896-941MHz, ZG=ZL=50
f=896-941MHz, ZG=ZL=50
f=896-941MHz, ZG=ZL=50
OUTLINE DRAWING
H46
Dimensions in mm
4
5
2
1
3
30±0.2
26.6±0.2
21.2±0.2
0.45
6±1
23.9±1
13.7±1
18.8±1
2-R1.5±0.1
1
2
3
4
5


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn