Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74CBTLV3244 Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. IDT74CBTLV3244
Description  LOW-VOLTAGE OCTAL BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74CBTLV3244 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74CBTLV3244 Datasheet HTML 1Page - Integrated Device Technology IDT74CBTLV3244 Datasheet HTML 2Page - Integrated Device Technology IDT74CBTLV3244 Datasheet HTML 3Page - Integrated Device Technology IDT74CBTLV3244 Datasheet HTML 4Page - Integrated Device Technology IDT74CBTLV3244 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
IDT74CBTLV3244
LOW-VOLTAGE OCTAL BUS SWITCH
INDUSTRIALTEMPERATURERANGE
ORDERING INFORMATION
IDT
XX
CBTLV
XXX
XX
Package
Device Type
Tem p. R ange
PY
Q
PG
74
Shrink Small Outline Package (S O20-7)
Quarter-size Sm all Outline Package (SO20-8)
Thin Shrink Sm all Outline Package (SO20-9)
Low-Voltage Octal Bus Switch
–40°C to +85°C
3244
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN74CBTLV3245 LOW-VOLTAGE OCTAL FET BUS SWITCH 1  2  3  4  5  More Texas Instruments
SN74CBTLV3245A LOW-VOLTAGE OCTAL FET BUS SWITCH 1  2  3  4  5  More Texas Instruments
IDT74CBTLV3245 LOW-VOLTAGE OCTAL BUS SWITCH 1  2  3  4  5  Integrated Device Technology
SN74CBT3244 OCTAL FET BUS SWITCH 1  2  3  4  Texas Instruments
SN74CBTLV3126 LOW-VOLTAGE QUADRUPLE FET BUS SWITCH 1  2  3  4  5  More Texas Instruments
TC7MZ541FK LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
SN74CBT3245A OCTAL FET BUS SWITCH 1  2  3  4  5  More Texas Instruments
SN74CB3T16211 24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER 1  2  3  4  5  More Texas Instruments
CBT3244A Octal bus switch with quad output enables 1  2  3  4  5  More NXP Semiconductors
SN74CBTLV3384 LOW-VOLTAGE 10-BIT FET BUS SWITCH 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn