Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74CBTLV3244 Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT74CBTLV3244
Description  LOW-VOLTAGE OCTAL BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74CBTLV3244 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74CBTLV3244 Datasheet HTML 1Page - Integrated Device Technology IDT74CBTLV3244 Datasheet HTML 2Page - Integrated Device Technology IDT74CBTLV3244 Datasheet HTML 3Page - Integrated Device Technology IDT74CBTLV3244 Datasheet HTML 4Page - Integrated Device Technology IDT74CBTLV3244 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
IDT74CBTLV3244
LOW-VOLTAGE OCTAL BUS SWITCH
INDUSTRIALTEMPERATURERANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = – 40°C to +85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIK
Control Inputs, Data I/O
VCC = 3V, II =
−18mA
– 1.2
V
II
Control Inputs, Data I/O
VCC = 3.6V, VI = VCC or GND
±1
µA
IOZ
Data I/O
VCC = 3.6V, VO = 0 or 3.6V, switch disabled
5
µA
IOFF
VCC = 0, VI or VO = 0 to 3.6V
50
µA
ICC
VCC = 3.6V, IO = 0, VI = VCC or GND
10
µA
∆ICC (1)
Control Inputs
VCC = 3.6V, One input at 3V, Other inputs at VCC or GND
300
µA
CI
Control Inputs
VI = 3V or 0
4
pF
CIO(OFF)
VO = 3V or 0,
OE = VCC
—6
pF
Max at VCC = 2.3V
VI = 0
IO = 64mA
5
8
Typ at VCC = 2.5V
IO = 24mA
5
8
RON (2)
VI = 1.7V
IO = 15mA
27
40
VI = 0
IO = 64mA
5
7
VCC = 3V
IO = 24mA
5
7
VI = 2.4V
IO = 15mA
10
15
NOTES:
1. The increase in supply current is attributable to each input that is at the specified voltage level rather than VCC or GND.
2. This is measured by the voltage drop between the A and B terminals at the indicated current through the switch.
SWITCHING CHARACTERISTICS
VCC = 2.5V ± 0.2V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPD(1)
Propagation Delay
A to B or B to A
0.15
0.25
ns
tEN
Output Enable Time
OE to A or B
14.5
1
4
ns
tDIS
Output Disable Time
OE to A or B
14.5
1
5
ns
NOTE:
1. The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance when
driven by an ideal voltage source (zero output impedance).


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN74CBTLV3245 LOW-VOLTAGE OCTAL FET BUS SWITCH 1  2  3  4  5  More Texas Instruments
SN74CBTLV3245A LOW-VOLTAGE OCTAL FET BUS SWITCH 1  2  3  4  5  More Texas Instruments
IDT74CBTLV3245 LOW-VOLTAGE OCTAL BUS SWITCH 1  2  3  4  5  Integrated Device Technology
SN74CBT3244 OCTAL FET BUS SWITCH 1  2  3  4  Texas Instruments
SN74CBTLV3126 LOW-VOLTAGE QUADRUPLE FET BUS SWITCH 1  2  3  4  5  More Texas Instruments
TC7MZ541FK LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
SN74CBT3245A OCTAL FET BUS SWITCH 1  2  3  4  5  More Texas Instruments
SN74CB3T16211 24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER 1  2  3  4  5  More Texas Instruments
CBT3244A Octal bus switch with quad output enables 1  2  3  4  5  More NXP Semiconductors
SN74CBTLV3384 LOW-VOLTAGE 10-BIT FET BUS SWITCH 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn