Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3446 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK3446
Description  Silicon N Channel Power MOS FET Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3446 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK3446 Datasheet HTML 1Page - Renesas Technology Corp 2SK3446 Datasheet HTML 2Page - Renesas Technology Corp 2SK3446 Datasheet HTML 3Page - Renesas Technology Corp 2SK3446 Datasheet HTML 4Page - Renesas Technology Corp 2SK3446 Datasheet HTML 5Page - Renesas Technology Corp 2SK3446 Datasheet HTML 6Page - Renesas Technology Corp 2SK3446 Datasheet HTML 7Page - Renesas Technology Corp 2SK3446 Datasheet HTML 8Page - Renesas Technology Corp 2SK3446 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SK3446
Rev.6, Jan. 2003, page 4 of 10
Main Characteristics
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Drain to Source voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
0.003
0.001
10
3
1
0.3
0.1
0.03
0.01
0.1 0.3
1
3
10
30
100
500
100
µs
10
µs
1 ms
Ta = 25
°C
2.5
0.5
1
1.5
2
0
24
6
8
10
2.5 V
2 V
VGS = 1.5 V
3 V
Pulse Test
5
4
3
2
1
0
24
68
10
Tc = -25
°C
25
°C
75
°C
V
= 10 V
Pulse Test
DS
Operation in
this area is
limited by RDS(on)
4 V
1.6
1.2
0.8
0.4
0
50
100
150
200
Ambient Temperature
Ta (
°C)
Power vs. Temperature Derating
DC
Operation
PW
=
10
ms
(1shot)


Similar Part No. - 2SK3446

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3446TZ-E RENESAS-2SK3446TZ-E Datasheet
82Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
2SK3446 RENESAS-2SK3446_05 Datasheet
82Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
2SK3446 RENESAS-2SK3446_15 Datasheet
101Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - 2SK3446

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com