Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C654 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 87C654
Description  80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C654 Datasheet(HTML) 3 Page - NXP Semiconductors

  87C654 Datasheet HTML 1Page - NXP Semiconductors 87C654 Datasheet HTML 2Page - NXP Semiconductors 87C654 Datasheet HTML 3Page - NXP Semiconductors 87C654 Datasheet HTML 4Page - NXP Semiconductors 87C654 Datasheet HTML 5Page - NXP Semiconductors 87C654 Datasheet HTML 6Page - NXP Semiconductors 87C654 Datasheet HTML 7Page - NXP Semiconductors 87C654 Datasheet HTML 8Page - NXP Semiconductors 87C654 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Philips Semiconductors
Product specification
87C652/87C654
80C51 8-bit microcontroller
8K/16K, 256 OTP, I2C
1999 Jul 23
3
BLOCK DIAGRAM
64K BYTE BUS
EXPANSION
CONTRTOL
PROG SERIAL PORT
FULL DUPLEX UART
SYNCHRONOUS SHIFT
PROGRAMMABLE I/O
CPU
OSCILLATOR
AND
TIMING
PROGRAM
MEMORY
DATA
MEMORY
(256 x 8 RAM)
TWO 16-BIT
TIMER/EVENT
COUNTERS
I2C SERIAL I/O
SDA
SCL
SHARED
WITH
PORT 1
T0
T1
COUNTERS
XTAL2
XTAL1
FREQUENCY
REFERENCE
INTERNAL
INTERRUPTS
INT0
INT1
EXTERNAL
INTERRUPTS
CONTROL
PARALLEL PORTS,
ADDRESS/DATA BUS
AND I/O PINS
SERIAL IN
SERIAL OUT
SHARED WITH
PORT 3
(16K x 8
EPROM)
SU00271
LOGIC SYMBOL
VSS
VCC
RST
XTAL1
XTAL2
VPP/EA
PROG/ALE
PSEN
RxD
TxD
INT0
INT1
T0
T1
WR
RD
SCL
SDA
SU00262


Similar Part No. - 87C654

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C654 PHILIPS-87C654 Datasheet
480Kb / 28P
   CMOS single-chip 8-bit microcontroller
1996 Aug 16
More results

Similar Description - 87C654

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
87C552 PHILIPS-87C552 Datasheet
193Kb / 24P
   80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
89C51 PHILIPS-89C51 Datasheet
212Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
87C524 PHILIPS-87C524 Datasheet
186Kb / 26P
   80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
83C754 PHILIPS-83C754 Datasheet
217Kb / 26P
   80C51 8-bit microcontroller family 4K/256 OTP/ROM, DAC, comparator, UART, reference
1998 Apr 23
P87C552 PHILIPS-P87C552 Datasheet
368Kb / 74P
   80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
1999 Mar 30
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com