Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0553-0013-1J Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part No. 0553-0013-1J
Description  T1/CEPT Dual Line Interface Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BEL [Bel Fuse Inc.]
Homepage  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0553-0013-1J Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0553-0013-1J Datasheet HTML 1Page - Bel Fuse Inc. 0553-0013-1J Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©1999 Bel Fuse Inc.
Specifications subject to change without notice. 06.99
TM9908
T114
HIGH FREQUENCY MAGNETICS
T1/CEPT Dual Line Interface Transformers
SCHEMATICS
0553-0013-1J
0559-5999-04
ELECTRICAL SPECIFICATIONS at 25° C
Minimum interwinding breakdown voltage of 1500 Vrms
0553-0013-2J
0553-0013-4J
1
3
5
7
8
10
12
14
2
Primary
Primary
Secondary
Secondary
1
3
5
7
8
10
12
14
2
Primary
Primary
Secondary
Secondary
13
0553-1167-00*
0559-5999-05*
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
5
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
R
C
D
x
a
m
A
l
i
o
C
B
l
i
o
C
A
l
i
o
C
B
l
i
o
C
A
l
i
o
C
B
l
i
o
C
A
l
i
o
C
B
l
i
o
C
i
r
P
c
e
S
A
l
i
o
C
B
l
i
o
C
A
l
i
o
C
B
l
i
o
C
J
1
-
3
1
0
0
-
3
5
5
0T
C
2
:
1T
C
2
:
12
.
12
.
10
8
.
00
8
.
05
35
38
.
08
.
18
.
08
.
1
J
2
-
3
1
0
0
-
3
5
5
0T
C
2
:
16
3
.
1
:
12
.
12
.
10
8
.
00
8
.
05
35
38
.
08
.
18
.
08
.
0
J
4
-
3
1
0
0
-
3
5
5
0T
C
2
:
T
C
11
:
12
.
12
.
10
8
.
00
5
.
05
35
38
.
08
.
18
.
08
.
0
0
0
-
7
6
1
1
-
3
5
5
06
2
.
1
:
1
/
1
:
1T
C
2
:
12
.
12
.
10
5
.
00
6
.
05
30
48
.
08
.
08
.
08
.
1
4
0
-
9
9
9
5
-
9
5
5
0T
C
5
1
.
1
:
1T
C
2
:
12
.
15
.
10
5
.
00
6
.
05
30
47
.
01
.
18
.
08
.
1
5
0
-
9
9
9
5
-
9
5
5
06
2
.
1
:
1
/
1
:
1T
C
2
:
12
.
15
.
10
4
.
00
5
.
05
30
47
.
01
.
18
.
08
.
1
1
9
3
5
7
8
10
12
14
2
Primary
Primary
Secondary
Secondary
Coil A
Coil B
* (-00 & -05) 1 : 1
(12 - 14) : (2 - 3)
1 : 1.26
(12 - 14) : (1 - 3)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn