Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

83C576 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 83C576
Description  80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C576 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 83C576 Datasheet HTML 2Page - NXP Semiconductors 83C576 Datasheet HTML 3Page - NXP Semiconductors 83C576 Datasheet HTML 4Page - NXP Semiconductors 83C576 Datasheet HTML 5Page - NXP Semiconductors 83C576 Datasheet HTML 6Page - NXP Semiconductors 83C576 Datasheet HTML 7Page - NXP Semiconductors 83C576 Datasheet HTML 8Page - NXP Semiconductors 83C576 Datasheet HTML 9Page - NXP Semiconductors 83C576 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Philips Semiconductors
Product specification
83C576/87C576
80C51 8-bit microcontroller family
8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators,
failure detect circuitry, watchdog timer
1998 Jun 04
6
PIN DESCRIPTIONS (Continued)
PIN NUMBER
MNEMONIC
DIP
LCC
QFP
TYPE
NAME AND FUNCTION
+VREF/AVCC
1
2
40
I
A/D positive power supply
–VREF/AVSS
2
3
41
I
A/D 0V reference
P3.0-P3.7
10-17
11,
13-19
5,
7-13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port. Port 3 pins that have 1s written to them can
be used as inputs but will source current when externally pulled low (see DC Electrical
Characteristics: IIL). During reset all pins will be synchronously driven high and will remain
high until written to by software. Port 3 has the following output modes which can be
selected on a per bit basis by writing to P3M1 and P3M2:
P3M1.X
P3M2.X
Mode Description
0
0
Open drain. See Note 1.
0
1
Weak pullup (default). See Note 2.
1
0
High impedance. See Note 3.
1
1
Push-pull. See Note 4.
Port 3 pins serve alternate functions as follows:
10
11
5
I
P3.0
RxD
Serial receive port
11
13
7
O
P3.1
TxD
Serial transmit port (enabled only when transmitting serial data)
12
14
8
I
P3.2
INT0
External interrupt 0
CMP3+
Comparator 3 positive input
13
15
9
I
P3.3
INT1
External interrupt 1
CMP2+
Comparator 2 positive input
14
16
10
I
P3.4
T0
Timer/counter 0 input
CMP1+
Comparator 1 positive input
15
17
11
I
P3.5
T1
Timer/counter 1 input
CMPR–
Common reference to comparators 1, 2, 3
16
18
12
O
P3.6
WR
External data memory write strobe
CMP0+
Comparator 0 positive input
17
19
13
O
P3.7
RD
External data memory read strobe
CMP0–
Comparator 0 negative input
RST
9
10
4
I
Reset: A low on this pin synchronously resets all port pins to a high state. The pin must be
held low with the oscillator running for 24 oscillator cycles to initialize the internal registers.
An internal diffused resistor to VCC permits a power on reset using only an external
capacitor to VSS. RST has a Schmitt trigger input stage to provide additional noise immunity
with a slow rising input voltage.
ALE/PROG
30
33
27
I/O
Address Latch Enable/Program Pulse: Output pulse for latching the low byte of the address
during an access to external memory. In normal operation, ALE is emitted at a constant rate
of 1/6 the oscillator frequency, and can be used for external timing or clocking. Note that
one ALE pulse is skipped during each access to external data memory. ALE is switched off
if the bit 0 in the AUXR register (8EH) is set. This pin is also the program pulse input
(PROG) during parallel EPROM programming. (See also Internal Reset on page 24.)
PSEN
29
32
26
O
Program Store Enable: The read strobe to external program memory. When the device is
executing code from the external program memory, PSEN is activated twice each machine
cycle, except that two PSEN activations are skipped during each access to external data
memory. PSEN is not activated during fetches from internal program memory.
EA/VPP
31
35
29
I
External Access Enable/Programming Supply Voltage: EA must be externally held low
to enable the device to fetch code from external program memory locations 0000H to
1FFFH. If EA is held high, the device executes from internal program memory unless the
program counter contains an address greater than 1FFFH. This pin also receives the
12.75V programming supply voltage (VPP) during EPROM programming. If this pin is at VPP
voltage during reset the device enters the in-circuit programming mode.
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock generator
circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier.
NOTES:
1. When Open Drain mode is selected, ports 0 and 2 have weak pulldowns to guarantee positive leakage current (see DC electrical
characteristic IIH).
2. When Weak Pullup mode is selected, ports bits that have 1’s written to them can be used as inputs but will source current when externally
pulled low (see DC electrical characteristic IIL).
3. When High Impedance mode is selected, all pullups and pulldowns are turned off. The only current sourced or sunk by the pin is the
parasitic leakage current (see DC electrical characteristic IL2 or ILC, as applicable.
4. When Push-Pull mode is selected, strong pullups are on continuously when emitting 1’s (see DC electrical characteristic VOH).
5. When Open-Drain, Weak Pull-up, or Push-pull mode is selected.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn