Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM106-F+ Datasheet(PDF) 7 Page - C-Media Electronics

Part # CM106-F+
Description  USB Audio I/O Controller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM106-F+ Datasheet(HTML) 7 Page - C-Media Electronics

Back Button CM106-F+ Datasheet HTML 3Page - C-Media Electronics CM106-F+ Datasheet HTML 4Page - C-Media Electronics CM106-F+ Datasheet HTML 5Page - C-Media Electronics CM106-F+ Datasheet HTML 6Page - C-Media Electronics CM106-F+ Datasheet HTML 7Page - C-Media Electronics CM106-F+ Datasheet HTML 8Page - C-Media Electronics CM106-F+ Datasheet HTML 9Page - C-Media Electronics CM106-F+ Datasheet HTML 10Page - C-Media Electronics CM106-F+ Datasheet HTML 11Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
CM106-F+/L+
High End 8CH DAC and 2CH ADC Integrated Solution
Date: 08/19/2005
Version: 1.01
- 7 -
Additional headphone output with selectable source and phone jack sense
Stereo MIC support with boost capability
Recording source select from S/PDIF, MIC, Line-in and summation of MIC, Line-in
and front channel
MIC, Line-in monitor from front channel (all channels optional) with volume control
and mute function
Master volume control by default; per-channel volume control by C-Media driver
Playback with soft-mute function
Support 48 / 44.1 KHz sampling rate for both playback and recording
MCU support with two-wire serial interface
Serial EEPROM support for customized VID/PID
MCU / EEPROM / GPIO control via HID software interface
Volume up / volume down / playback mute HID button
LED indicator pins: operation / recording mute / SCMS protection
Embedded USB transceiver and power on reset circuit
Single 12MHz crystal input with embedded PLL
Single 5V power supply with embedded 5V to 3.3V regulator
Industry standard LQFP-48 (CM106-L+) or QFP-100 (CM106-F+) package
C-Media value added patent software driver
Xear 3D sound
Earphone Plus
SPEAKER SHIFTER
Environment sound effects
Room Size Mode
Graphic Equalizer
Karaoke Function
Software Driver support Dolby Digital Live for multi-media content real-time encoder
with Dolby Digital AC-3 Raw data bit stream
Software Driver support DTS Connect with DST Interactive and DTS NEO:PC sound
technology
DST Interactive>multi-media content real-time encoder with DTS Raw data bit
stream
NEO:PC>audio up-mix matrix technology that turns any 2 channel audio into 7.1
surrounds sound.


Similar Part No. - CM106-F+

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1061 CML-CM1061 Datasheet
222Kb / 1P
   B-6 Double Contact Bayonet Base
logo
Visual Communications C...
CM1061 VCC-CM1061 Datasheet
27Kb / 1P
   Double Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM1062 CML-CM1062 Datasheet
218Kb / 1P
   RP-11 Single Contact Bayonet Base
logo
Visual Communications C...
CM1062 VCC-CM1062 Datasheet
32Kb / 1P
   Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM1068 CML-CM1068 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
More results

Similar Description - CM106-F+

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM108 CMEDIA-CM108 Datasheet
500Kb / 29P
   USB Audio I/O Controller
MCM6206 CMEDIA-MCM6206 Datasheet
477Kb / 4P
   High Integrated USB Audio I/O Controller
CM108AH CMEDIA-CM108AH Datasheet
540Kb / 27P
   Highly Integrated USB Audio I/O Controller
logo
C&K Components
CM6206-LX CK-COMPONENTS-CM6206-LX Datasheet
1Mb / 33P
   High Integrated USB Audio I/O Controller
logo
C-Media Electronics
CM6206LX CMEDIA-CM6206LX Datasheet
1Mb / 33P
   High Integrated USB Audio I/O Controller
CM6206 CMEDIA-CM6206 Datasheet
1Mb / 35P
   High Integrated USB Audio I/O Controller
CM109 CMEDIA-CM109 Datasheet
602Kb / 36P
   USB I/O Controller
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
   USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
   USB Audio Controller
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
   USB AUDIO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com