Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM220 Datasheet(PDF) 9 Page - C-Media Electronics

Part # CM220
Description  Updateable USB2.0 Card Reader Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM220 Datasheet(HTML) 9 Page - C-Media Electronics

Back Button CM220 Datasheet HTML 5Page - C-Media Electronics CM220 Datasheet HTML 6Page - C-Media Electronics CM220 Datasheet HTML 7Page - C-Media Electronics CM220 Datasheet HTML 8Page - C-Media Electronics CM220 Datasheet HTML 9Page - C-Media Electronics CM220 Datasheet HTML 10Page - C-Media Electronics CM220 Datasheet HTML 11Page - C-Media Electronics CM220 Datasheet HTML 12Page - C-Media Electronics CM220 Datasheet HTML 13Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CM220
Updateable USB2.0 Card Reader Controller
Date: 8/2/2005
Version:
1.4
- 9 -
NC
NC
73
SCEB
DO, PU
DO, PU
DIO, PU
SPI – CEB
EEPROM – CS
SD – SDD[7]
NC
NC
74
SCLK
DO, PU
DO, PU
DIO, PU
SPI - Clock Output
EEPROM – SK
SD – SDD[6]
NC
NC
75
SDO
DO, PU
DO, PU
DIO, PU
SPI - Data Output
EEPROM – DI
SD - SDD[4]
NC
NC
76
SDI
DI, PU
DI, PU
DIO, PU
SPI - Data Input
EEPROM – DO
SD - SDD[5]
32
57
77
RSTB
DI
System Reset, Low active
33
58
78
SDWP
DI, PU
SD card write protect, low active
NC
59
79
VCC3V(O)
Digital power. Connected to 3.3 V
34
60
80
SDD[1]
DIO, PU
SD card data bus
35
61
81
SDD[0]
DIO, PU
SD card data bus
36
62
82
SDCLK
DO
SD card clock
37
63
83
SDCMD
DIO, PU
SD card command bus
38
64
84
SDD[3]
DIO, PU
SD card data bus
39
65
85
SDD[2]
DIO, PU
SD card data bus
NC
66
86
USBLED
DO
USB configuration indicator Led, High
active
NC
NC
87
SDLED
DO
SD Card access indicator Led, High active
40
67
88
SDPWR
DO
SD Card power control, low active
41
68
89
SDCD
DI, PU
SD Card detect pin, low active
NC
NC
90
GPIO3
DIO
General Purpose Input Output
42
69
91
GND(CORE)
Digital Ground pin
42
69
91
GND(O)
Digital Ground pin
42
69
91
GND(I)
Digital Ground pin
43
70
92
VCC3V(O)
Digital power. Connected to 3.3 V
43
70
92
VCC3V(I)
Digital power. Connected to 3.3 V
44
71
93
MSCLK
DO
MS Clock Output
45
72
94
MSD[3]
DIO, PD
MS card data bus
46
73
95
MSD[2]
DIO, PD
MS card data bus
47
74
96
MSD[0]
DIO, PD
MS card data bus
48
75
97
MSD[1]
DIO, PD
MS card data bus
1
76
98
MSBS
DO
MS Bus State Output
2
77
99
MSCD
DI, PU
MS Card detect pin, low active
3
78
100
MSPWR
DO
MS Card power control, low active
NC
NC
101
GND(O)
Digital Ground pin


Similar Part No. - CM220

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM2200 CML-CM2200 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM2200 VCC-CM2200 Datasheet
44Kb / 1P
   Wedge Base
logo
Chicago Miniature Lamp,...
CM2203 CML-CM2203 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM2203 VCC-CM2203 Datasheet
44Kb / 1P
   Wedge Base
More results

Similar Description - CM220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6320 ETC2-AU6320 Datasheet
522Kb / 19P
   USB2.0 CF Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
Transcend Information. ...
TS-RDP5 TRANSCEND-TS-RDP5 Datasheet
81Kb / 3P
   USB2.0 Compact Card Reader
logo
List of Unclassifed Man...
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
Transcend Information. ...
TS-RDP6 TRANSCEND-TS-RDP6 Datasheet
69Kb / 3P
   USB2.0 Compact Card Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com