Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C54X2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P80C54X2
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C54X2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P80C54X2 Datasheet HTML 5Page - NXP Semiconductors P80C54X2 Datasheet HTML 6Page - NXP Semiconductors P80C54X2 Datasheet HTML 7Page - NXP Semiconductors P80C54X2 Datasheet HTML 8Page - NXP Semiconductors P80C54X2 Datasheet HTML 9Page - NXP Semiconductors P80C54X2 Datasheet HTML 10Page - NXP Semiconductors P80C54X2 Datasheet HTML 11Page - NXP Semiconductors P80C54X2 Datasheet HTML 12Page - NXP Semiconductors P80C54X2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
9
PLASTIC LEADED CHIP CARRIER PIN FUNCTIONS
SU01062
PLCC
6140
7
17
39
29
18
28
Pin
Function
1
NIC*
2
P1.0/T2
3
P1.1/T2EX
4
P1.2
5
P1.3
6
P1.4
7
P1.5
8
P1.6
9
P1.7
10
RST
11
P3.0/RxD
12
NIC*
13
P3.1/TxD
14
P3.2/INT0
15
P3.3/INT1
Pin
Function
16
P3.4/T0
17
P3.5/T1
18
P3.6/WR
19
P3.7/RD
20
XTAL2
21
XTAL1
22
VSS
23
NIC*
24
P2.0/A8
25
P2.1/A9
26
P2.2/A10
27
P2.3/A11
28
P2.4/A12
29
P2.5/A13
30
P2.6/A14
Pin
Function
31
P2.7/A15
32
PSEN
33
ALE
34
NIC*
35
EA/VPP
36
P0.7/AD7
37
P0.6/AD6
38
P0.5/AD5
39
P0.4/AD4
40
P0.3/AD3
41
P0.2/AD2
42
P0.1/AD1
43
P0.0/AD0
44
VCC
* NO INTERNAL CONNECTION
LOW PROFILE QUAD FLAT PACK
PIN FUNCTIONS
SU01487
LQFP
44
34
1
11
33
23
12
22
Pin
Function
1
P1.5
2
P1.6
3
P1.7
4
RST
5
P3.0/RxD
6
NIC*
7
P3.1/TxD
8
P3.2/INT0
9
P3.3/INT1
10
P3.4/T0
11
P3.5/T1
12
P3.6/WR
13
P3.7/RD
14
XTAL2
15
XTAL1
Pin
Function
16
VSS
17
NIC*
18
P2.0/A8
19
P2.1/A9
20
P2.2/A10
21
P2.3/A11
22
P2.4/A12
23
P2.5/A13
24
P2.6/A14
25
P2.7/A15
26
PSEN
27
ALE
28
NIC*
29
EA/VPP
30
P0.7/AD7
Pin
Function
31
P0.6/AD6
32
P0.5/AD5
33
P0.4/AD4
34
P0.3/AD3
35
P0.2/AD2
36
P0.1/AD1
37
P0.0/AD0
38
VCC
39
NIC*
40
P1.0/T2
41
P1.1/T2EX
42
P1.2
43
P1.3
44
P1.4
* NO INTERNAL CONNECTION
PLASTIC THIN SHRINK SMALL OUTLINE PACK
PIN FUNCTIONS
su01725
Pin
Function
1
P3.0/RxD
2
P3.1/TxD
3
P3.3/INT1
4
P3.4/T0
5
P3.6/WR
6
P3.7/RD
7
XTAL2
8
XTAL1
9VSS
10
P2.0/A8
11
P2.1/A9
12
P2.2/A10
13
P2.3/A11
Pin
Function
14
P2.4/A12
15
P2.5/A13
16
P2.6/A14
17
P2.7/A15
18
PSEN
19
ALE/PROG
20
EA/VPP
21
P0.7/AD7
22
P0.6/AD6
23
P0.5/AD5
24
P0.4/AD4
25
P0.3/AD3
26
P0.2/AD2
Pin
Function
27
P0.1/AD1
28
P0.0/AD0
29
VDD
30
P1.0/T2
31
P1.1/T2EX
32
P1.2
33
P1.3
34
P1.4
35
P1.5
36
P1.6
37
P1.7
38
RST
1
19
20
38
TSSOP


Similar Part No. - P80C54X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C54X2 NXP-P80C54X2 Datasheet
408Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
More results

Similar Description - P80C54X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C31X2 NXP-P80C31X2 Datasheet
408Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
P87C51X2BBD157 PHILIPS-P87C51X2BBD157 Datasheet
409Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
P87C654X2 PHILIPS-P87C654X2 Datasheet
497Kb / 88P
   80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2004 Apr 20
P83C654X2 NXP-P83C654X2 Datasheet
501Kb / 88P
   80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2004 Apr 20
P80C3XX2 PHILIPS-P80C3XX2_15 Datasheet
409Kb / 62P
   low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)null 128B/256B RAM
2003 Jan 24
P83C660X2 NXP-P83C660X2 Datasheet
572Kb / 102P
   80C51 8-bit microcontroller family 16KB OTP/ROM, 512B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz), two 400KB I2C interfaces
2003 Oct 02
8XC54 PHILIPS-8XC54 Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC54_51FX_51RX PHILIPS-8XC54_51FX_51RX_15 Datasheet
371Kb / 56P
   80C51 8-bit microcontroller family 8K??4K/256??K OTP/ROM/ROMless, low voltage (2.7V??.5V), low power, high speed (33 MHz)
2000 Aug 07
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com