Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83C453 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 83C453
Description  80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C453 Datasheet(HTML) 2 Page - NXP Semiconductors

  83C453 Datasheet HTML 1Page - NXP Semiconductors 83C453 Datasheet HTML 2Page - NXP Semiconductors 83C453 Datasheet HTML 3Page - NXP Semiconductors 83C453 Datasheet HTML 4Page - NXP Semiconductors 83C453 Datasheet HTML 5Page - NXP Semiconductors 83C453 Datasheet HTML 6Page - NXP Semiconductors 83C453 Datasheet HTML 7Page - NXP Semiconductors 83C453 Datasheet HTML 8Page - NXP Semiconductors 83C453 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Philips Semiconductors
Preliminary specification
83C453/87C453
80C51 8-bit microcontroller family
8K/256 OTP/ROM, expanded I/O
2
1998 Apr 23
DESCRIPTION
The Philips 8XC453 is an I/O expanded single-chip microcontroller
fabricated with Philips high-density CMOS technology. Philips
epitaxial substrate minimizes latch-up sensitivity.
The 8XC453 is a functional extension of the 87C51 microcontroller
with three additional I/O ports and four I/O control lines. The 8XC453
is available in 68-pin LCC packages. Four control lines associated
with port 6 facilitate high-speed asynchronous I/O functions.
The 87C453 includes an 8k
× 8 EPROM, a 256 × 8 RAM, 56 I/O
lines, two 16-bit timer/counters, a seven source, two priority level,
nested interrupt structure, a serial I/O port for either a full duplex
UART, I/O expansion, or multi-processor communications, and
on-chip oscillator and clock circuits.
The 87C453 has two software selectable modes of reduced activity
for further power reduction; idle mode and power-down mode. Idle
mode freezes the CPU while allowing the RAM, timers, serial port,
and interrupt system to continue functioning. Power-down mode
freezes the oscillator, causing all other chip functions to be
inoperative while maintaining the RAM contents.
FEATURES
80C51 based architecture
Seven 8-bit I/O ports
Port 6 features:
– Eight data pins
– Four control pins
– Direct MPU bus interface
– ISA Bus Interface
– Parallel printer interface
– IBF and OBF interrupts
– A flag latch on host write
On the microcontroller:
– 8k
× 8 EPROM
Quick pulse programming algorithm
Two-level program security system
– 256
× 8 RAM
– Two 16-bit counter/timers
– Two external interrupts
External memory addressing capability
– 64k ROM and 64k RAM
Low power consumption:
– Normal operation: less than 24mA at 5V, 16MHz
– Idle mode
– Power-down mode
Reduced EMI
Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
ORDERING INFORMATION
EPROM1
ROM
TEMPERATURE
°C AND PACKAGE
FREQ.
(MHz)
PKG. DWG
#
P87C453EBAA
OTP
P83C453EBAA
68–Pin Plastic Leaded Chip Carrier, 0 to +70
3.5 to 16
SOT188-3
NOTE:
1. OTP = One-Time Programmable EPROM.


Similar Part No. - 83C453

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C453 PHILIPS-83C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
More results

Similar Description - 83C453

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C451 PHILIPS-80C451 Datasheet
162Kb / 22P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
83C754 PHILIPS-83C754 Datasheet
217Kb / 26P
   80C51 8-bit microcontroller family 4K/256 OTP/ROM, DAC, comparator, UART, reference
1998 Apr 23
87C552 PHILIPS-87C552 Datasheet
193Kb / 24P
   80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
83C576 PHILIPS-83C576 Datasheet
447Kb / 46P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
1998 Jun 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com