Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

UPD61171 Datasheet(PDF) 5 Page - NEC

Part No. UPD61171
Description  SECOND GENERATION ENHANCED MULTIMEDIA ARCHITECTURE PROCESSOR FOR DVD RECORDER/PERSONAL VIDEO RECORDERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPD61171 Datasheet(HTML) 5 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
µµµµ PD61171
5
Preliminary Product Letter S16775EJ1V0PL
External audio/video port:
1 video/stereo audio input port for MPEG2 audio/video encode engine
1 video/stereo audio I/O port for external DV codec device
1 video output port for external video encoder device
Multi-channel output port for audio DAC device
IEC60958 output port
Supported video formats:
ITU-R BT.656
ITU-R BT.1358
PCI interface:
3.3 V 33 MHz 32-bit PCI 2.2
Initiator/Target
2 target windows
Boot across PCI
IDE interface:
Supports two IDE interfaces for up to four IDE drives
UATA100/66/33, bus master IDE and PIO modes
2 IDE I/F Supports
Peripherals:
Supports one MultiMediaCardTM/Secure Digital Memory Card interface
Supports one Memory StickTM interface
Two 16550 UARTs with 16-byte FIFOs
Two asynchronous UARTs
Supports one clocked serial interface (CSI)
Two ISO-7816-compliant SmartCard interfaces
Two I2C-compatible multi-master interfaces
General purpose I/O
Four timers supporting input capture/output compare
Two system timers, an elapse timer, a (volatile) real-time clock and a watch-dog timer
Physical:
Power :
2.5 W (TYP)
Power supply voltage : 3.3 V I/O
2.5 V I/O for DDR SDRAM interface
1.5 V for core logic
Package:
449-pin Plastic BGA (27
× 27 mm)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn