Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1355C-117AI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1355C-117AI
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1355C-117AI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1355C-117AI Datasheet HTML 2Page - Cypress Semiconductor CY7C1355C-117AI Datasheet HTML 3Page - Cypress Semiconductor CY7C1355C-117AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1355C-117AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1355C-117AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1355C-117AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1355C-117AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1355C-117AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1355C-117AI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
PRELIMINARY
CY7C1355C
CY7C1357C
Document #: 38-05539 Rev. **
Page 6 of 33
Pin Configurations (continued)
165-ball fBGA (3 Chip enable with JTAG)
CY7C1355C (256K x 36)
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC / 288M
NC
DQPC
DQC
DQPD
NC
DQD
CE1
BWB
CE3
BWC
CEN
A
CE2
DQC
DQD
DQD
MODE
NC
DQC
DQC
DQD
DQD
DQD
NC / 36M
NC / 72M
VDDQ
BWD
BWA
CLK
WE
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
VSS
TDI
A
A
DQC
VSS
DQC
VSS
DQC
DQC
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQD
DQD
NC
NC
VDDQ
VSS
TMS
89
10
11
NC
A
A
ADV/LD
NC
OE
NC / 18M
A
NC / 144M
VSS
VDDQ
NC
DQPB
VDDQ
VDD
DQB
DQB
DQB
NC
DQB
NC
DQA
DQA
VDD
VDDQ
VDD
VDDQ
DQB
VDD
NC
VDD
DQA
VDD
VDDQ
DQA
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQA
VDDQ
A
A
VSS
A
A
A
DQB
DQB
DQB
ZZ
DQA
DQA
DQPA
DQA
A
VDDQ
A
A0
A
VSS
NC
CY7C1357C (512K x 18)
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC / 288M
NC
NC
NC
DQPB
NC
DQB
CE1
NC
CE3
BWB
CEN
A
CE2
NC
DQB
DQB
MODE
NC
DQB
DQB
NC
NC
NC
NC / 36M
NC / 72M
VDDQ
NC
BWA
CLK
WE
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
VSS
TDI
A
A
DQB
VSS
NC
VSS
DQB
NC
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQB
NC
NC
NC
VDDQ
VSS
TMS
89
10
11
NC
A
A
ADV/LD
A
OE
NC / 18M
A
NC / 144M
VSS
VDDQ
NC
DQPA
VDDQ
VDD
NC
DQA
DQA
NC
NC
NC
DQA
NC
VDD
VDDQ
VDD
VDDQ
DQA
VDD
NC
VDD
NC
VDD
VDDQ
DQA
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
NC
VDDQ
A
A
VSS
A
A
A
DQA
NC
NC
ZZ
DQA
NC
NC
DQA
A
VDDQ
A
A0
A
VSS
NC


Similar Part No. - CY7C1355C-117AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C-100AXC CYPRESS-CY7C1355C-100AXC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355C-100AXC CYPRESS-CY7C1355C-100AXC Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1355C-100AXI CYPRESS-CY7C1355C-100AXI Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355C-100AXI CYPRESS-CY7C1355C-100AXI Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1355C-100BGC CYPRESS-CY7C1355C-100BGC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1355C-117AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com