Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1357C-117AC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1357C-117AC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1357C-117AC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1357C-117AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1357C-117AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1357C-117AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1357C-117AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1357C-117AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1357C-117AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1357C-117AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1357C-117AC Datasheet HTML 12Page - Cypress Semiconductor CY7C1357C-117AC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
PRELIMINARY
CY7C1355C
CY7C1357C
Document #: 38-05539 Rev. **
Page 9 of 33
Functional Overview
The CY7C1355C/CY7C1357C is a synchronous flow-through
burst SRAM designed specifically to eliminate wait states
during Write-Read transitions. All synchronous inputs pass
through input registers controlled by the rising edge of the
clock. The clock signal is qualified with the Clock Enable input
signal (CEN). If CEN is HIGH, the clock signal is not recog-
nized and all internal states are maintained. All synchronous
operations are qualified with CEN. Maximum access delay
from the clock rise (tCDV) is 6.5 ns (133-MHz device).
Accesses can be initiated by asserting all three Chip Enables
(CE1, CE2, CE3) active at the rising edge of the clock. If Clock
Enable (CEN) is active LOW and ADV/LD is asserted LOW,
the address presented to the device will be latched. The
access can either be a Read or Write operation, depending on
the status of the Write Enable (WE). BWX can be used to
conduct Byte Write operations.
Write operations are qualified by the Write Enable (WE). All
writes are simplified with on-chip synchronous self-timed Write
circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) simplify depth expansion.
All operations (Reads, Writes, and Deselects) are pipelined.
ADV/LD should be driven LOW once the device has been
deselected in order to load a new address for the next
operation.
Single Read Accesses
A read access is initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are ALL asserted active, (3) the Write Enable input
signal WE is deasserted HIGH, and 4) ADV/LD is asserted
LOW. The address presented to the address inputs is latched
into the address register and presented to the memory array
and control logic. The control logic determines that a read
access is in progress and allows the requested data to
propagate to the output buffers. The data is available within 6.5
ns (133-MHz device) provided OE is active LOW. After the first
clock of the read access, the output buffers are controlled by
OE and the internal control logic. OE must be driven LOW in
order for the device to drive out the requested data. On the
subsequent clock, another operation (Read/Write/Deselect)
can be initiated. When the SRAM is deselected at clock rise
by one of the chip enable signals, its output will be three-stated
immediately.
Burst Read Accesses
The CY7C1355C/CY7C1357C has an on-chip burst counter
that allows the user the ability to supply a single address and
conduct up to four Reads without reasserting the address
inputs. ADV/LD must be driven LOW in order to load a new
address into the SRAM, as described in the Single Read
Access section above. The sequence of the burst counter is
determined by the MODE input signal. A LOW input on MODE
selects a linear burst mode, a HIGH selects an interleaved
burst sequence. Both burst counters use A0 and A1 in the
burst sequence, and will wrap around when incremented suffi-
ciently. A HIGH input on ADV/LD will increment the internal
burst counter regardless of the state of chip enable inputs or
WE. WE is latched at the beginning of a burst cycle. Therefore,
the type of access (Read or Write) is maintained throughout
the burst sequence.
Single Write Accesses
Write access are initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are ALL asserted active, and (3) the Write signal WE
is asserted LOW. The address presented to the address bus
is loaded into the address register. The write signals are
latched into the Control Logic block. The data lines are
automatically three-stated regardless of the state of the OE
input signal. This allows the external logic to present the data
on DQs and DQPX.
On the next clock rise the data presented to DQs and DQPX
(or a subset for byte write operations, see Truth Table for
details) inputs is latched into the device and the write is
complete. Additional accesses (Read/Write/Deselect) can be
initiated on this cycle.
The data written during the Write operation is controlled by
BWX signals. The CY7C1355C/CY7C1357C provides byte
write capability that is described in the Truth Table. Asserting
the Write Enable input (WE) with the selected Byte Write
Select input will selectively write to only the desired bytes.
Bytes not selected during a byte write operation will remain
unaltered. A synchronous self-timed Write mechanism has
been provided to simplify the Write operations. Byte Write
capability has been included in order to greatly simplify
Read/Modify/Write sequences, which can be reduced to
simple Byte Write operations.
Because the CY7C1355C/CY7C1357C is a common I/O
device, data should not be driven into the device while the
outputs are active. The Output Enable (OE) can be deasserted
HIGH before presenting data to the DQs and DQPX inputs.
Doing so will three-state the output drivers. As a safety
precaution, DQs and DQPX are automatically three-stated
during the data portion of a write cycle, regardless of the state
of OE.
Burst Write Accesses
The CY7C1355C/CY7C1357C has an on-chip burst counter
that allows the user the ability to supply a single address and
conduct up to four Write operations without reasserting the
address inputs. ADV/LD must be driven LOW in order to load
the initial address, as described in the Single Write Access
section above. When ADV/LD is driven HIGH on the subse-
quent clock rise, the Chip Enables (CE1, CE2, and CE3) and
WE inputs are ignored and the burst counter is incremented.
The correct BWX inputs must be driven in each cycle of the
burst write, in order to write the correct bytes of data.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the “sleep” mode. CE1, CE2, and CE3, must remain inactive for
the duration of tZZREC after the ZZ input returns LOW.


Similar Part No. - CY7C1357C-117AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1357C-100AXC CYPRESS-CY7C1357C-100AXC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1357C-100AXI CYPRESS-CY7C1357C-100AXI Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1357C-100BGC CYPRESS-CY7C1357C-100BGC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1357C-100BGI CYPRESS-CY7C1357C-100BGI Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1357C-100BGXC CYPRESS-CY7C1357C-100BGXC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1357C-117AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com