Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA2SD31 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. MA2SD31
Description  Silicon epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2SD31 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2SD31 Datasheet HTML 1Page - Panasonic Semiconductor MA2SD31 Datasheet HTML 2Page - Panasonic Semiconductor MA2SD31 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diodes (SBD)
1
Publication date: October 2003
SKH00131AED
MA2SD31
Silicon epitaxial planar type
For super high speed switching
■ Features
• I
F(AV) = 200 mA rectification is possible.
• Low forward voltage: V
F < 0.47 V (at IF = 200 mA)
■ Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Reverse voltage
VR
30
V
Repetitive peak reverse voltage
VRRM
30
V
Forward current (Average)
IF(AV)
200
mA
Peak forward current
IFM
300
mA
Non-repetitive peak forward
IFSM
1A
surge current *
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current
IR1
VR
= 10 V
20
µA
IR2
VR = 30 V
200
Forward voltage
VF
IF = 200 mA
0.38
0.47
V
Terminal capacitance
Ct
VR
= 0 V, f = 1 MHz
25
pF
Reverse recovery time *
trr
IF = IR = 100 mA
2
ns
Irr = 10 mA, RL = 100 Ω
■ Electrical Characteristics T
a
= 25°C ± 3°C
Marking Symbol: 8N
Unit: mm
0.80
+0.05
–0.03
0.60
+0.05
–0.03
0.12
+0.05
–0.02
0
+0
–0.05
0.30±0.05
0.01±0.01
1
2
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. This product is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body
and the leakage of current from the operating equipment.
3. Absolute frequency of input and output is 250 MHz
4. *: trr measurement circuit
1: Anode
2: Cathode
SSMini2-F1 Package
Note) * : The peak-to-peak value in one cycle of 50 Hz sine wave (non-repetitive)
90%
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 100 mA
I
R = 100 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 10 mA
t
r
t
p
t
rr
I
F
t
t
Bias Application Unit (N-50BU)
Pulse Generator
(PG-10N)
R
s = 50 Ω
Wave Form
Analyzer
(SAS-8130)
R
i = 50 Ω
V
R
A


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MA2Z001 Silicon epitaxial planar type For switching circuits 1  2  Panasonic Semiconductor
2SA2118 Power Transistors Silicon PNP epitaxial planar type 1  2  3  Panasonic Semiconductor
XP01211 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA26V05 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
2SB1254 Silicon PNP epitaxial planar type Darlington For power amplification 1  2  3  Panasonic Semiconductor
2SB948 Silicon PNP epitaxial planar type 1  2  3  Panasonic Semiconductor
2SD2051 Silicon NPN epitaxial planar type Darlington For low-frequency amplification 1  2  Panasonic Semiconductor
MA2C346 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2YD21 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2S377 Silicon epitaxial planar type 1  2  Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn