Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T9AV1L1-6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # T9AV1L1-6
Description  Low Cost 30 Amp PC Board or Panel Mount Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

T9AV1L1-6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  T9AV1L1-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers T9AV1L1-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers T9AV1L1-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
61
Mechanical Data
Termination: Printed circuit and quick connect terminals (4).
Enclosures (all have 94V-0 flammability rating):
T9AP: Unsealed, plastic dust cover.
T9AS: Immersion cleanable, sealed plastic case (2 & 3).
T9AV: Vented, flux-tight, plastic cover.
Weight: Q.C. version: 1.2 oz. (33g) approx. (mounting code 2 & 5).
Sealed Model T9AS: 0.9 oz. (26g) approx. (mounting code 1).
Notes
(1) Operating ambient temperature must consider “Must Operate Voltage
Change Over Temperature,” Contact Temperature Rise, Coil Temperature
Rise (If coil is not allowed to cool) and Maximum Coil Temperature.
Specification ambient considers 20A load with coil cooled to ambient.
(2) Sealed relay terminals should not be bent.
(3) Remove knock-off nib after cleaning process for optimum life of sealed
relays.
(4) Maximum soldering temperature is 500
°F for 4 seconds.
(5) Class F coils are UL systems approved for maximum coil temperature of
140
°C, by change of resistance method.
(6) See application note 13C265 for proper relay mounting, termination,
cleaning and PC board conductor width. Coil rise test performed with 30A
PC board to maintain 20
°C maximum rise @ 30A.
T9AP1D52-12
T9AP1D52-24
T9AP1D52-48
T9AP5D52-12
T9AP5D52-24
T9AP5D52-48
T9AS1D12-110
T9AS1D12-12
T9AS1D12-18
T9AS1D12-24
T9AS1D12-48
T9AS1D12-5
T9AS1D22-110
T9AS1D22-12
T9AS1D22-24
T9AS1D22-48
T9AS1D22-5
T9AS1L12-12
T9AS1L12-24
T9AS5D12-110
T9AS5D12-12
T9AS5D12-18
T9AS5D12-24
T9AS5D12-48
T9AS5D12-5
T9AS5D22-110
T9AS5D22-12
T9AS5D22-24
T9AS5D22-48
T9AS5D22-5
T9AS5L12-12
T9AS5L12-24
Stock Items – The following items are normally maintained in stock for immediate delivery.
0
20
40
60
80
100
120
140
180
160
140
120
100
80
60
0A
10A
20A
30A
Sealed Relay, Vented (note 3)
PC Terminals For Coil & Contacts
Applied Continuous Coil Voltage (% of Rated Voltage)
40
60
80
100
120
140
180
160
140
120
100
80
60
Relay With Dust Cover,
Flange Mount
0A
10A
20A
30A
Applied Continuous Coil Voltage (% of Rated Voltage)
0
20
40
60
80
100
120
140
180
160
140
120
100
80
60
Sealed Relay, Vented (note 3);
Load Connections Via Q.C. Terminals,
PC Mount
0A
10A
20A
30A
Applied Continuous Coil Voltage (% of Rated Voltage)
Environmental Data
Storage Temperature Range: -55
°C to 130°C.
Operating Temperature Range(1): -55
°C to +85°C.
Vibration, Operational: 0.065" (1.65mm) max. excursions from 10-55 Hz.
with no contact opening >100
µs.
Shock, Operational: 10g for 11 ms with no contact opening >100
µs.
Shock, Mechanical: 100g.
Ambient Temperature vs. Coil Voltage - 1 Watt Coil
Data below are average values and should be verified in application. Tests
were conducted within a 2' (.6 m) cube (still air); at nominal coil power @
25
°C; with normally open contact loaded; and with 4' (1.22 m) long, #10
AWG load wires. P.C. board relays were mounted to a 30A, single side P.C.
board (6).
Ordering Information
Typical Part Number
B T9A
S
5
D
2
2
-12
1. Basic Series:
T9A = Low cost, printed circuit board/panel power relay.
2. Enclosure:
P = Unsealed, plastic dust cover (mounting code 5).
S = Immersion cleanable, knock off nib, sealed plastic case (mounting codes 1 & 2).
V = Vented, flux-tight (mounting code 1).
3. Contact Arrangement:
1 = 1 Form A (SPST-NO).
5 = 1 Form C (SPDT).
4. Coil Input:
D = DC voltage (1 Watt)
L = DC voltage (900mW)
5. Mounting & Termination:
1 = Printed circuit board mounting; PC terminals for coil & contacts (a).
2 = Printed circuit board mounting; PC terminals for coil & contacts, and .250" (6.35mm) quick connects for contacts (b).
5 = Flanged mounting; .187" (4.75mm) quick connects for coil and .250" (6.35mm) quick connects for contacts (c).
6. Contact Material:
2 = Silver-cadmium oxide.
7. Coil Voltage:
5 = 5VDC
9 = 9VDC
15 = 15VDC
20 = 20VDC
24 = 24VDC
48 = 48VDC
6 = 6VDC
12 = 12VDC
18 = 18VDC
22 = 22VDC
36 = 36VDC
110 = 110VDC
a) Only available with enclosure code “S” & “V”.
b) Only available with enclosure code “S”.
c) Only available with enclosure code “P”.


Similar Part No. - T9AV1L1-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T9AV1L12-12 TEC-T9AV1L12-12 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
More results

Similar Description - T9AV1L1-6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8P1ATPDC12 OMRON-G8P1ATPDC12 Datasheet
933Kb / 6P
   Compact, Low-cost 30-A Power Relay for PC Board or Panel-mounted Applications
logo
Picker Components
PTRH-T PICKER-PTRH-T Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRH-T-14 PICKER-PTRH-T-14 Datasheet
141Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRA-T PICKER-PTRA-T Datasheet
90Kb / 2P
   30 AMP Panel Mount or PCB Power Relay With AC Coils
PTRA-T PICKER-PTRA-T_14 Datasheet
314Kb / 2P
   30 AMP Panel Mount or PCB Power Relay With Ac Coils
PTRD-T PICKER-PTRD-T_14 Datasheet
176Kb / 2P
   40 AMP Panel Mount or PCB Power Relay
PCT91CL PICKER-PCT91CL_17 Datasheet
817Kb / 3P
   30, 40 or 50 Amp Latching Spade/PC Pins Relay
logo
Tyco Electronics
PCD-124D1MH MACOM-PCD-124D1MH Datasheet
88Kb / 2P
   15 Amp Low Profile Power PC Board Relay
PCD-PCDF MACOM-PCD-PCDF Datasheet
77Kb / 2P
   15 Amp Low Profile Power PC Board Relay
logo
Grayhill, Inc
62P GRAYHILL-62P Datasheet
408Kb / 2P
   Low Cost, PC Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com