Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATR0787 Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. ATR0787
Description  High Linearity Active Transmit Mixer for 2100 MHz to 2500 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

ATR0787 Datasheet(HTML) 5 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
ATR0787
4588B–SIGE–02/03
Figure 4.
Output IP3 versus Frequency + Temperature
Figure 5.
Conversion Gain versus Frequency + LO Drive
Figure 6.
Output IP3 versus Frequency + LO Drive
Output IP3 vs Temperature
Plo=0 dBm
10
15
20
25
30
2100
2200
2300
2400
2500
Fre que ncy (M Hz)
85C
25C
-40C
Conversion Gain vs LO Drive
T=25 C
0
5
10
15
20
2100
2200
2300
2400
2500
Frequency (M Hz)
-3 dBm
0 dBm
+3 dBm
Output IP3 vs LO Drive
T=25 C
10
15
20
25
30
2100
2200
2300
2400
2500
Freque ncy (M Hz)
-3 dBm
0 dBm
+3 dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn