Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M68749 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M68749
Description  380-400MHz, 12.5V, 5W, DIGITAL MOBILE RADIO
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M68749 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
380-400MHz, 12.5V, 5W, DIGITAL MOBILE RADIO
M68749
MITSUBISHI RF POWER MODULE
Nov. ´97
TYPICAL PERFORMANCE DATA
OUTPUT POWER, TOTAL EFFICIENCY,
IMD VS. INPUT POWER
INPUT POWER Pin (dBm) 2tone AVE
-15
-5
0
5
15
PO
50
40
30
20
10
0
-10
10
-10
-20
-30
-40
-50
-60
-70
100
80
60
40
20
0
OUTPUT POWER, TOTAL EFFICIENCY,
IMD VS. INPUT POWER
INPUT POWER Pin (dBm) 2tone AVE
-15
-5
0
5
15
ηT
50
40
30
20
10
0
-10
10
-10
-20
-30
-40
-50
-60
-70
100
80
60
40
20
0
IMD3
Tc=25
°C
f=380MHz
VCC=12.5V
VBB=8.5V
GP
IMD5
ηT
PO
IMD3
IMD5
Tc=25
°C
f=400MHz
VCC=12.5V
VBB=8.5V


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M57745B380-400MHz 12.5V 10W DIGITAL MOBILE RADIO 1 Mitsubishi Electric Semiconductor
M67766C806-825MHz 12.5V 16W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
M57716L360-380MHz 12.5V 13W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
M67766B820-851MHz 12.5V 6W FM MOBILE RADIO 1 2 3 4 5 Mitsubishi Electric Semiconductor
RA30H1317M135-175MHz 30W 12.5V MOBILE RADIO 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M57747144-148MHz 12.5V 13W FM MOBILE RADIO 1 2 3 Mitsubishi Electric Semiconductor
M68750144-148MHz 12.5V 27W FM MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
RA30H4047M400-470MHz 30W 12.5V MOBILE RADIO 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M57704EL335-360MHz 12.5V 13W FM MOBILE RADIO 1 Mitsubishi Electric Semiconductor
M57752430-450MHz 12.5V 13W FM MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn