Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M68749 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M68749
Description  380-400MHz, 12.5V, 5W, DIGITAL MOBILE RADIO
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M68749 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
380-400MHz, 12.5V, 5W, DIGITAL MOBILE RADIO
M68749
MITSUBISHI RF POWER MODULE
Nov. ´97
PIN:
Pin
: RF INPUT
VBB : BASE BIAS SUPPLY
VCC1: 1st. DC SUPPLY
VCC2: 2nd. DC SUPPLY
PO
: RF OUTPUT
GND: FIN
BLOCK DIAGRAM
1
2
3
4
5
6
Symbol
Parameter
Test conditions
Limits
Min
Max
Unit
f
PO
ηT
2fO
ρin
-
Frequency range
Output power
Total efficiency
2nd. harmonic
Input VSWR
3rd. internal modulation
Stability
VCC=15.2V, VBB=9V, PO=13W (Pin:controlled)
ZG=50
Ω, Load VSWR=4:1 (All phase)
Pin=0-300mW, VCC=10-16V, VBB=9V,
PO
≤ 20W, ρI ≤ 3.0 (All phase), ZG=50Ω
380
400
15
-25
-32
No degradation or
destroy
MHz
W
%
dBc
-
Note. Above parameters, ratings, limits and test conditions are subject to change.
Note 1. Stability is tested by sampling test (10pcs/Lot)
ELECTRICAL CHARACTERISTICS (Tc=25
°C unless otherwise noted)
Symbol
Parameter
Conditions
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Tc=25
°C unless otherwise noted)
Note. Above parameters are guaranteed independently.
V
VBB
9
VCC
Supply voltage
A
6
ICC
Total current
mW
300
Pin (max)
Input power
W
25
PO (max)
Output power
°C
-30 to +110
TC (OP)
Operation case temperature
°C
-40 to +110
Tstg
Storage temperature
ZG=ZL=50
ZG=ZL=50
OUTLINE DRAWING
66±0.5
60±0.5
51.5±0.5
2-R2±0.5
16.5±1
33.0±1
H3
Dimensions in mm
12±1
1
2
3
4
5
6
IMD3
dBc
Bias voltage
ZG=ZL=50
Ω, VBB=8.5V
ZG=ZL=50
Ω, VCC≤13.2V
17
V
7.25±0.8
3±0.3
43.5±1
55.5±1
5
6
4
2
3
1
Load VSWR tolerance
-
ZG=ZL=50
Ω, VCC≤13.2V
ZG=ZL=50
VCC=12.5V, VBB=9V,
PO=5W (Pin:controlled), ZG=ZL=50
VCC=12.5V, VBB=9V, PO (AVE)=5W
(Pin:controlled) 2tone,
∆f=10kHz, ZG=ZL=50Ω
Gp
Power gain
Pin=200mW,VCC=12.5V,VBB=9V, ZG=ZL=50
3fO
3rd. harmonic
No parastic oscillation
Note 1
dBc
-30
dBc
-
2.8
13
φ 0.45±0.15
5th. internal modulation
IMD5
28
dB
-25


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M57745B380-400MHz 12.5V 10W DIGITAL MOBILE RADIO 1 Mitsubishi Electric Semiconductor
M67766C806-825MHz 12.5V 16W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
M57716L360-380MHz 12.5V 13W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
M67766B820-851MHz 12.5V 6W FM MOBILE RADIO 1 2 3 4 5 Mitsubishi Electric Semiconductor
RA30H1317M135-175MHz 30W 12.5V MOBILE RADIO 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M57747144-148MHz 12.5V 13W FM MOBILE RADIO 1 2 3 Mitsubishi Electric Semiconductor
M68750144-148MHz 12.5V 27W FM MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
RA30H4047M400-470MHz 30W 12.5V MOBILE RADIO 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M57704EL335-360MHz 12.5V 13W FM MOBILE RADIO 1 Mitsubishi Electric Semiconductor
M57752430-450MHz 12.5V 13W FM MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn