Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3881ESX-1.2 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3881ESX-1.2
Description  0.8A Fast-Response Ultra Low Dropout Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3881ESX-1.2 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3881ESX-1.2 Datasheet HTML 1Page - National Semiconductor (TI) LP3881ESX-1.2 Datasheet HTML 2Page - National Semiconductor (TI) LP3881ESX-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LP3881ESX-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LP3881ESX-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LP3881ESX-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LP3881ESX-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LP3881ESX-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LP3881ESX-1.2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Lead Temp. (Soldering, 5 seconds)
260˚C
ESD Rating
Human Body Model (Note 3)
Machine Model (Note 10)
2kV
200V
Power Dissipation (Note 2)
Internally Limited
V
IN Supply Voltage (Survival)
−0.3V to +6V
V
BIAS Supply Voltage (Survival)
−0.3V to +7V
Shutdown Input Voltage (Survival)
−0.3V to +7V
I
OUT (Survival)
Internally Limited
Output Voltage (Survival)
−0.3V to +6V
Junction Temperature
−40˚C to +150˚C
Operating Ratings
V
IN Supply Voltage
(V
OUT +VDO) to 5.5V
Shutdown Input Voltage
0 to +6V
I
OUT
0.8A
Operating Junction
Temperature Range
−40˚C to +125˚C
V
BIAS Supply Voltage
4.5V to 6V
Electrical Characteristics Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply
over the full operating temperature range. Unless otherwise specified: V
IN =VO(NOM) + 1V, VBIAS = 4.5V, IL = 10 mA, CIN =
C
OUT = 4.7 µF, VS/D =VBIAS.
Symbol
Parameter
Conditions
MIN
(Note 5)
Typical
(Note 4)
MAX
(Note 5)
Units
V
O
Output Voltage Tolerance
10 mA < I
L < 0.8A
V
O(NOM) + 1V
≤ V
IN
≤ 5.5V
4.5V
≤ V
BIAS
≤ 6V
1.198
1.186
1.216
1.234
1.246
V
1.478
1.455
1.5
1.522
1.545
1.773
1.746
1.8
1.827
1.854
∆V
O/
∆V
IN
Output Voltage Line Regulation
(Note 7)
V
O(NOM) + 1V
≤ V
IN
≤ 5.5V
0.01
%/V
∆V
O/
∆I
L
Output Voltage Load Regulation
(Note 8)
10 mA < I
L < 0.8A
0.04
0.06
%/A
V
DO
Dropout Voltage (Note 9)
I
L = 0.8A
(TO220 and TO263 only)
75
120
160
mV
I
L = 0.8A
(PSOP only)
80
140
190
I
Q(VIN)
Quiescent Current Drawn from
V
IN Supply
10 mA < I
L < 0.8A
3
7
8
mA
V
S/D
≤ 0.3V
0.03
1
30
µA
I
Q(VBIAS)
Quiescent Current Drawn from
V
BIAS Supply
10 mA < I
L < 0.8A
1
2
3
mA
V
S/D
≤ 0.3V
0.03
1
30
µA
I
SC
Short-Circuit Current
V
OUT = 0V
2.5
A
Shutdown Input
V
SDT
Output Turn-off Threshold
Output = ON
1.3
0.7
V
Output = OFF
0.7
0.3
Td (OFF)
Turn-OFF Delay
R
LOAD XCOUT << Td (OFF)
20
µs
Td (ON)
Turn-ON Delay
R
LOAD XCOUT << Td (ON)
15
I
S/D
S/D Input Current
V
S/D =1.3V
1
µA
V
S/D
≤ 0.3V
−1
www.national.com
3


Similar Part No. - LP3881ESX-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3881ESX-1.2/NOPB TI1-LP3881ESX-1.2/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3881ESX-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891 TI1-LP3891 Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891EMR-12 TI1-LP3891EMR-12 Datasheet
1Mb / 19P
[Old version datasheet]   LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3891 NSC-LP3891 Datasheet
307Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874-ADJ NSC-LP3874-ADJ Datasheet
693Kb / 15P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874EMP-18 NSC-LP3874EMP-18 Datasheet
752Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3874-ADJ TI1-LP3874-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   0.8A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3871 NSC-LP3871_04 Datasheet
360Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com