Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2574 Datasheet(PDF) 17 Page - ON Semiconductor

Part # LM2574
Description  0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button LM2574 Datasheet HTML 13Page - ON Semiconductor LM2574 Datasheet HTML 14Page - ON Semiconductor LM2574 Datasheet HTML 15Page - ON Semiconductor LM2574 Datasheet HTML 16Page - ON Semiconductor LM2574 Datasheet HTML 17Page - ON Semiconductor LM2574 Datasheet HTML 18Page - ON Semiconductor LM2574 Datasheet HTML 19Page - ON Semiconductor LM2574 Datasheet HTML 20Page - ON Semiconductor LM2574 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LM2574
http://onsemi.com
17
HORIZONTAL TIME BASE: 5.0 µs/DIV
Figure 24. Continuous Mode Switching
Current Waveforms
0.5 A
0 A
0.5 A
0 A
Power
Switch
Current
Waveform
Inductor
Current
Waveform
HORIZONTAL TIME BASE: 5.0 µs/DIV
Figure 25. Continuous Mode Switching
Current Waveforms
0.1 A
0 A
0.1 A
0 A
Power
Switch
Current
Waveform
Inductor
Current
Waveform
GENERAL RECOMMENDATIONS
Output Voltage Ripple and Transients
Source of the Output Ripple
Since the LM2574 is a switch mode power supply
regulator, its output voltage, if left unfiltered, will contain a
sawtooth ripple voltage at the switching frequency. The
output ripple voltage value ranges from 0.5% to 3% of the
output voltage. It is caused mainly by the inductor sawtooth
ripple current multiplied by the ESR of the output capacitor.
Short Voltage Spikes and How to Reduce Them
The regulator output voltage may also contain short
voltage spikes at the peaks of the sawtooth waveform (see
Figure 26). These voltage spikes are present because of the
fast switching action of the output switch, and the parasitic
inductance of the output filter capacitor. There are some
other important factors such as wiring inductance, stray
capacitance, as well as the scope probe used to evaluate these
transients, all these contribute to the amplitude of these
spikes. To minimize these voltage spikes, low inductance
capacitors should be used, and their lead lengths must be
kept short. The importance of quality printed circuit board
layout design should also be highlighted.
HORIZONTAL TIME BASE: 5.0 µs/DIV
Voltage spikes caused by switching action of the output
switch and the parasitic inductance of the output capacitor
Figure 26. Output Ripple Voltage Waveforms
Unfiltered
Output
Voltage
Filtered
Output
Voltage
Minimizing the Output Ripple
In order to minimize the output ripple voltage it is possible
to enlarge the inductance value of the inductor L1 and/or to
use a larger value output capacitor. There is also another way
to smooth the output by means of an additional LC filter
(20
µH, 100 µF), that can be added to the output (see
Figure 35) to further reduce the amount of output ripple and
transients. With such a filter it is possible to reduce the
output ripple voltage transients 10 times or more. Figure 26
shows the difference between filtered and unfiltered output
waveforms of the regulator shown in Figure 34.
The upper waveform is from the normal unfiltered output
of the converter, while the lower waveform shows the output
ripple voltage filtered by an additional LC filter.
Heatsinking and Thermal Considerations
The LM2574 is available in both 8–pin DIP and SO–16L
packages. When used in the typical application the copper lead
frame conducts the majority of the heat from the die, through
the leads, to the printed circuit copper. The copper and the
board are the heatsink for this package and the other heat
producing components, such as the catch diode and inductor.
For the best thermal performance, wide copper traces
should be used and all ground and unused pins should be
soldered to generous amounts of printed circuit board
copper, such as a ground plane. Large areas of copper
provide the best transfer of heat to the surrounding air. One
exception to this is the output (switch) pin, which should not
have large areas of copper in order to minimize coupling to
sensitive circuitry.
Additional improvement in heat dissipation can be
achieved even by using of double sided or multilayer boards
which can provide even better heat path to the ambient.
Using a socket for the 8–pin DIP package is not
recommended because socket represents an additional
thermal resistance, and as a result the junction temperature
will be higher.


Similar Part No. - LM2574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
logo
ON Semiconductor
LM2574 ONSEMI-LM2574 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2574 ONSEMI-LM2574 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - LM2574

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com