Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74F195 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MC74F195
Description  4-BIT PARALLEL ACCESS SHIFT REGISTER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC74F195 Datasheet(HTML) 2 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4-105
FAST AND LS TTL DATA
MC74F195
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
74
4.5
5.0
5.5
V
TA
Operating Ambient Temperature Range
74
0
25
70
°C
IOH
Output Current
 High
74
–1.0
mA
IOL
Output Current
 Low
74
20
mA
S
R
RD
CP
Q
S
R
RD
CP
Q
Q
MR
CP
S
R
RD
CP
Q
Q0
Q1
Q2
Q3 Q3
D3
D2
D1
D0
J
K
PE
S
R
RD
CP
Q
Q
LOGIC DIAGRAM
FUNCTION TABLE
Inputs
Outputs
Operating Modes
MR
CP
PE
J
K
Dn
Q0
Q1
Q2
Q3
Q3
Asynchronous Reset
L
X
X
X
X
X
L
L
L
L
H
Shift, Set First Stage
H
h
h
h
X
H
q0
q1
q2
q2
Shift, Reset First Stage
H
h
l
l
X
L
q0
q1
q2
q2
Shift, Toggle First Stage
H
h
h
l
X
q0
q0
q1
q2
q2
Shift, Retain First Stage
H
h
l
h
X
q0
q0
q1
q2
q2
Parallel Load
H
l
X
X
dn
d0
d1
d2
d3
d3
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
dn (qn) = Lower case letters indicate the state of the referenced input (or output) one setup time prior to the LOW-to-HIGH clock transition.
↑ = LOW-to-HIGH clock transition


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74HC954-bit Parallel Access Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
74HC1954-bit parallel access shift register 1 2 3 4 5 MoreNXP Semiconductors
CD54HC195High-Speed CMOS Logic 4-Bit Parallel Access Register 1 2 3 4 5 MoreTexas Instruments
HD74LS95B4-bit Parallel Access Shift Registers 1 2 3 4 5 MoreHitachi Semiconductor
DM54L954-Bit Parallel Access Shift Registers 1 2 3 4 National Semiconductor (TI)
CD74HC195High Speed CMOS Logic 4-Bit Parallel Access Register 1 2 3 4 5 MoreTexas Instruments
MM54HC1954-Bit Parallel Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
5495A4-Bit Parallel Access Shift Registers 1 2 3 4 5 MoreNational Semiconductor (TI)
74F3954-bit cascadable shift register 3-State 1 2 3 4 5 MoreNXP Semiconductors
74HC4015Dual 4-bit serial-in/parallel-out shift register 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn