Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74F195 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MC74F195
Description  4-BIT PARALLEL ACCESS SHIFT REGISTER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC74F195 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4-107
FAST AND LS TTL DATA
MC74F195
AC OPERATING REQUIREMENTS
74F
74F
TA = + 25°C
VCC = + 5.0 V
CL = 50 pF
TA = 0°C to + 70°C
VCC = 5.0 V ± 10%
CL = 50 pF
Symbol
Parameter
Min
Max
Min
Max
Unit
ts (H)
Setup Time, HIGH or LOW J, K, D to CP
4.0
4.0
ns
ts (L)
4.0
4.0
th (H)
Hold Time, HIGH or LOW J, K, D to CP
0
1.0
ns
th (L)
0
1.0
ts (H)
Setup Time, HIGH or LOW PE to CP
8.0
9.0
ns
ts (L)
8.0
9.0
th (H)
Hold Time, HIGH or LOW PE to CP
0
0
ns
th (L)
0
0
tw (H)
CP Pulse Width, HIGH
5.0
5.5
ns
tw (L)
MR Pulse Width, LOW
5.0
5.0
ns
trec
Recovery Time, MR to CP
7.0
8.0
ns


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74HC954-bit Parallel Access Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
74HC1954-bit parallel access shift register 1 2 3 4 5 MoreNXP Semiconductors
CD54HC195High-Speed CMOS Logic 4-Bit Parallel Access Register 1 2 3 4 5 MoreTexas Instruments
HD74LS95B4-bit Parallel Access Shift Registers 1 2 3 4 5 MoreHitachi Semiconductor
DM54L954-Bit Parallel Access Shift Registers 1 2 3 4 National Semiconductor (TI)
CD74HC195High Speed CMOS Logic 4-Bit Parallel Access Register 1 2 3 4 5 MoreTexas Instruments
MM54HC1954-Bit Parallel Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
5495A4-Bit Parallel Access Shift Registers 1 2 3 4 5 MoreNational Semiconductor (TI)
74F3954-bit cascadable shift register 3-State 1 2 3 4 5 MoreNXP Semiconductors
74HC4015Dual 4-bit serial-in/parallel-out shift register 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn