Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC7982A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC7982A
Description  LCD Dot Matrix Graphics Display Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7982A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC7982A Datasheet HTML 1Page - Sanyo Semicon Device LC7982A Datasheet HTML 2Page - Sanyo Semicon Device LC7982A Datasheet HTML 3Page - Sanyo Semicon Device LC7982A Datasheet HTML 4Page - Sanyo Semicon Device LC7982A Datasheet HTML 5Page - Sanyo Semicon Device LC7982A Datasheet HTML 6Page - Sanyo Semicon Device LC7982A Datasheet HTML 7Page - Sanyo Semicon Device LC7982A Datasheet HTML 8Page - Sanyo Semicon Device LC7982A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
• Bus read/write operation 2
Data read cycle
Data write cycle
Ta = –20 to +75°C, VDD = 5V ±5%, GND = 0 V
Notes: • For character display, HP is the number of dots in the horizontal direction per character,
and for graphics mode, HP is the number of bits shown on the display from each byte of display data.
• fOSC is the oscillator frequency, in units of MHz.
• All measurements are made at 1.5 V.
• Parallel operation (master mode)
Ta = –20 to +75°C, VDD = 5V ±5%, GND = 0 V
Notes: • With no loads on any of the output pins.
• Measurements are made at 0.5 VDD.
No. 5946-4/18
LC7982A
Parameter
Symbol
Instruction register value
Ratings
Unit
min
typ
max
Read cycle time
tRCY
0DH
ns
Write cycle time
tWCY1
0EH, 0FH
ns
Write cycle time
tWCY2
0CH
ns
Write cycle time
tWCY3
00H, 01H, 02H, 03H, 04H,
ns
08H, 09H, 0AH, 0BH
(HP+2)
× 103
+200
fOSC
(2HP+2)
× 103
+200
fOSC
(HP+2)
× 103
+200
fOSC
2000
+200
fOSC
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
SYNC delay time
tDSY
100
ns
SYNC pulse width
tWSY
350
ns


Similar Part No. - LC7982A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7980 SANYO-LC7980 Datasheet
397Kb / 18P
   Controller for the LCD Dot Matrix Graphic Display
LC7981 SANYO-LC7981 Datasheet
386Kb / 19P
   Controller for the LC Dot Matrix Graphic Display?
LC7985 SANYO-LC7985 Datasheet
670Kb / 30P
   LCD Controller/Driver
LC7985NA SANYO-LC7985NA Datasheet
670Kb / 30P
   LCD Controller/Driver
LC7985ND SANYO-LC7985ND Datasheet
670Kb / 30P
   LCD Controller/Driver
More results

Similar Description - LC7982A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6240 OKI-MSM6240 Datasheet
449Kb / 25P
   DOT MATRIX LCD CONTROLLER
MSM6255 OKI-MSM6255 Datasheet
485Kb / 39P
   DOT MATRIX LCD CONTROLLER
MSM9000B OKI-MSM9000B Datasheet
223Kb / 38P
   DOT MATRIX LCD CONTROLLER
logo
Sanyo Semicon Device
LC7980 SANYO-LC7980 Datasheet
397Kb / 18P
   Controller for the LCD Dot Matrix Graphic Display
DM0811 SANYO-DM0811 Datasheet
155Kb / 8P
   LCD Dot Matrix Display Module
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
RAIO Technology Inc.
RA6963 RAIO-RA6963 Datasheet
1Mb / 46P
   Dot Matrix LCD Controller Specification
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
RAIO Technology Inc.
RA8835 RAIO-RA8835 Datasheet
119Kb / 6P
   Dot Matrix LCD Controller Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com