Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

242117113 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 242117113
Description  WE-D-SUB Filter Bent 90° SMT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

242117113 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  242117113 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 242117113 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 242117113 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 242117113 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 242117113 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 242117113 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-D-SUB Filter
of Würth Elektronik eiSos GmbH & Co. KG:
General:
• This electronic component is designed and manufactured for use in general electronic equipment.
• Würth Elektronik must be asked for written approval (following the PPAP procedure) before incorporating the components into any
equipment in fields such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control,
ship control), transportation signal, disaster prevention, medical, public information network etc. where higher safety and reliability are
especially required and/or if there is the possibility of direct damage or human injury.
• Electronic components that will be used in safety-critical or high-reliability applications, should be pre-evaluated by the customer.
• The component is designed and manufactured to be used within the datasheet specified values. If the usage and operation conditions
specified in the datasheet are not met, the wire insulation may be damaged or dissolved.
• Do not drop or impact the components, the component may be damaged.
• Würth Elektronik products are qualified according to international standards, which are listed in each product reliability report. Würth
Elektronik does not warrant any customer qualified product characteristics beyond Würth Elektroniks’ specifications, for its validity and
sustainability over time.
• The responsibility for the applicability of the customer specific products and use in a particular customer design is always within the
authority of the customer. All technical specifications for standard products also apply to customer specific products.
Product specific:
Soldering:
• The solder profile must comply with the technical product specifications. All other profiles will void the warranty.
• All other soldering methods are at the customers’ own risk.
• Strong forces which may affect the coplanarity of the components’ electrical connection with the PCB (i.e. pins), can damage the part,
resulting in avoid of the warranty.
Cleaning and Washing:
• Washing agents used during the production to clean the customer application might damage or change the characteristics of the wire
insulation, marking or plating. Washing agents may have a negative effect on the long-term functionality of the product.
• Using a brush during the cleaning process may break the wire due to its small diameter. Therefore, we do not recommend using a brush
during the PCB cleaning process.
Potting:
• If the product is potted in the customer application, the potting material might shrink or expand during and after hardening. Shrinking
could lead to an incomplete seal, allowing contaminants into the core. Expansion could damage the component. We recommend a
manual inspection after potting to avoid these effects.
Storage Conditions:
• A storage of Würth Elektronik products for longer than 12 months is not recommended. Within other effects, the terminals may suffer
degradation, resulting in bad solderability. Therefore, all products shall be used within the period of 12 months based on the day of
shipment.
• Do not expose the components to direct sunlight.
• The storage conditions in the original packaging are defined according to DIN EN 61760-2.
• The storage conditions stated in the original packaging apply to the storage time and not to the transportation time of the components.
Handling:
• Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
• Applying currents with audio-frequency signals may result in audible noise due to the magnetostrictive material properties.
These cautions and warnings comply with the state of the scientific and technical knowledge and are believed to be accurate and reliable.
However, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
LuRa
001.001
2020-09-22
DIN ISO 2768-1m
DESCRIPTION
WE-D-SUB Filter Bent 90° SMT
ORDER CODE
242117113
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
plug connector
eiSos
Valid
5/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 242117113

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24211102 TOSHIBA-24211102 Datasheet
6Mb / 126P
   COLOUR TELEVISION C9PJ Chassis
2000
24211102 TOSHIBA-24211102 Datasheet
2Mb / 50P
   COLOR TELEVISION N0NSP Chassis
2000
24211222 TOSHIBA-24211222 Datasheet
2Mb / 50P
   COLOR TELEVISION N0NSP Chassis
2000
More results

Similar Description - 242117113

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
246617113 WURTH-246617113 Datasheet
365Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
240617113 WURTH-240617113 Datasheet
351Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
246117113 WURTH-246117113 Datasheet
354Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
244117113 WURTH-244117113 Datasheet
352Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
240117113 WURTH-240117113 Datasheet
344Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
242617113 WURTH-242617113 Datasheet
355Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
244617113 WURTH-244617113 Datasheet
365Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
212112043 WURTH-212112043 Datasheet
349Kb / 6P
   WE-D-SUB Filter Bent 90° THT
001.001
210612043 WURTH-210612043 Datasheet
350Kb / 6P
   WE-D-SUB Filter Bent 90° THT
001.001
216612013 WURTH-216612013 Datasheet
382Kb / 6P
   WE-D-SUB Filter Bent 90° THT
001.001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com