Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5900K Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5900K
Description  Non-Relampable Neon LED Indicator Lights
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5900K Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5900K Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5900K, 5902K and 5991K Series Non-Relampable Neon LED Indicator Lights
Mounting: Will snap-fit into Ø.315/.312 sq. hole in
panels .020/.130 thick.
Mounting hole pattern on page SP3.
Wire Leads: No.22 AWG (105°C), lead color: red
and white, 4.40/4.80 long, stripped .430/.570
Lens: Polycarbonate
Anode(+): Red lead
All dimensions
in inches.
390*
5991K 5-12V
-
5991K 1-12V
(12V )
Model No.
-
5902K 5**
5900K 3
5900K 1
(105-125V AC )
Model No.
(ohms )
Internal R esistor
Green
Amber
Red
Lens C olor
Solid State
Neon
1000*
5991K 5-24V
-
5991K 1-24V
(24V )
Model No.
-
4305H5
-
C 2A+R esistor
Lamp us ed
--
5991K 7-12V
-
Yellow
5991K 7-24V
4305H7
-
4305H1
Incorporates
LE D
*Also incorporates IN4004 (400 P.I.V.) rectifier diode.
**Incorporates G2B lamp and resistor.
Underwriters Laboratories (UL) File No. E20325
Canadian Standards Association (CSA) File No. LR13346
LAMP -NE ON OR LE D
SNAP LOC K (4)
45ß
.260 S Q.
.380 S Q.
.040
.070
1.630
1.670
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 5900K

ManufacturerPart #DatasheetDescription
logo
ebm-papst
5900 EBMPAPST-5900 Datasheet
443Kb / 1P
   TUBEAXIAL
5900 EBMPAPST-5900 Datasheet
293Kb / 4P
   AC axial compact fan
logo
Anderson Power Products...
5900 APP-5900 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
5900 APP-5900 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
logo
Heyco.
5900 HEYCO-5900 Datasheet
144Kb / 1P
   .187˝ Diameter Ground Pins - Male Right Angle
More results

Similar Description - 5900K

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1030QD CML-1030QD Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
2150QA CML-2150QA Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
1090QA CML-1090QA Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
logo
Visual Communications C...
1050QA VCC-1050QA Datasheet
64Kb / 1P
   Non-Relampable Neon Indicator Lights
2150QA VCC-2150QA Datasheet
64Kb / 1P
   Non-Relampable Neon Indicator Lights
2110QA VCC-2110QA Datasheet
64Kb / 1P
   Non-Relampable Neon Indicator Lights
1030QD VCC-1030QD Datasheet
64Kb / 1P
   Non-Relampable Neon Indicator Lights
logo
Chicago Miniature Lamp,...
2110QA CML-2110QA Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
2620T CML-2620T Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
logo
Visual Communications C...
2150A VCC-2150A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com