Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5330H7LC Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5330H7LC
Description  Variable Height LED T-13/4 (5mm) Lamp Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5330H7LC Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5330H7LC Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5330H Series Variable Height LED T-13/4 (5mm) Lamp Assembly
E L E C T R O - O P T I CAL C HARAC T E R ISTICS A N D R A T INGS
Features
• Block mounting design and spacing-alignment
saves assembly cost and time.
• Super Brite T-1 3/4 diffused LED-wide angle
viewing.
• Press-in mounting pin secures assembly to
PC board while being soldered.
• Standoffs prevent flux entrapment.
Housing: Black Nylon, UL94V-O
Mounting hole pattern on page 1-X6.
.260
DIM "A"
.100
.150 MIN.
TOP P ANE L
.130 MAX .
FOR P OS T C LE ANING
.020 S T AND-OF F
DIM " B "
PC B OAR D
.220 MIN.
Ø .
290
ANODE (+)
ANODE (+)
All dimensions in inches.
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
Current Max.
(mA)
Forward
Voltage Typ.
(V)
Forward
Voltage Max.
(V)
Peak Forward
Current @ 1ms-
300pps (A)
Reverse
Break-down
Voltage Min.
(V)
Peak
Wavelength
(nm)
DIM A
(inches)
DIM B
(inches)
5330H1
5330H3
5330H5
5330H7
5330H1LC
5330H5LC
5330H7LC
5330H1-5V
5330H3-5V
5330H5-5V
5335H1
5335H3
5335H5
5335H7
5335H1LC
5335H1LC
5335H1LC
5335H1-5V
5335H3-5V
5335H5-5V
Red
Amber
Green
Yellow
Red
Green
Yellow
Red
Amber
Green
Red
Amber
Green
Yellow
Red
Green
Yellow
Red
Amber
Green
30
20
30
25
2.0
2.5
2.0
6.0
7.0
10.0
30
20
30
25
2.0
2.5
2.0
6.0
7.0
10.0
20
20
20
20
2
2
2
10
10
10
20
20
20
20
2
2
2
10
10
10
35
35
30
35
7
7
7
15
15
15
35
35
30
35
7
7
7
15
15
15
2.0
2.0
2.2
2.2
1.8
1.8
1.9
5
5
5
2.0
2.0
2.2
2.2
1.8
1.8
1.9
5
5
5
3.0
3.0
3.0
3.0
2.2
2.2
2.7
7.5
7.5
7.5
3.0
3.0
3.0
3.0
3.3
3.3
3.7
7.5
7.5
7.5
1.0
1.0
.09
1.0
.007
.007
.007
-
-
-
1.0
1.0
.09
1.0
.007
.007
.007
-
-
-
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
635
608
562
585
635
562
585
635
583
565
635
603
562
585
635
562
585
635
583
562
.870
.870
.870
.870
.870
.870
.870
.870
.870
.870
.570
.570
.570
.570
.570
.570
.570
.570
.570
.570
.750
.750
.750
.750
.750
.750
.750
.750
.750
.750
.450
.450
.450
.450
.450
.450
.450
.450
.450
.450
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 5330H7LC

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5330H7LC VCC-5330H7LC Datasheet
108Kb / 1P
   Variable Height LED T-1 3/4 (5mm) Lamp Assembly
More results

Similar Description - 5330H7LC

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5330H VCC-5330H Datasheet
108Kb / 1P
   Variable Height LED T-1 3/4 (5mm) Lamp Assembly
logo
Chicago Miniature Lamp,...
5330H1 CML-5330H1 Datasheet
24Kb / 1P
   Variable Height LED T-1 3/4 (5mm) Lamp Assembly
logo
Kingbright Corporation
WP7113BR6.35-SGD KINGBRIGHT-WP7113BR6.35-SGD Datasheet
252Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52-SRD KINGBRIGHT-WP7113BR9.52-SRD Datasheet
109Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR6.35-GD KINGBRIGHT-WP7113BR6.35-GD Datasheet
253Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR6.35-YD KINGBRIGHT-WP7113BR6.35-YD Datasheet
138Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52-ID KINGBRIGHT-WP7113BR9.52-ID Datasheet
108Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR5.08-SGD KINGBRIGHT-WP7113BR5.08-SGD Datasheet
252Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR6.35-ID KINGBRIGHT-WP7113BR6.35-ID Datasheet
253Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52-SGD KINGBRIGHT-WP7113BR9.52-SGD Datasheet
108Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com