Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC74AC540 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MC74AC540
Description  OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC74AC540 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74AC540 MC74ACT540 MC74AC541 MC74ACT541
5-4
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
5.5
7.5
1.0
8.0
ns
3-5
tPLH
Data to Output (
AC540)
5.0
1.5
4.0
6.0
1.0
6.5
ns
3-5
tPHL
Propagation Delay
3.3
1.5
5.0
7.0
1.0
7.5
ns
3-5
tPHL
Data to Output (
AC540)
5.0
1.5
4.0
5.5
1.0
6.0
ns
3-5
tPZH
Output Enable Time
3.3
3.0
8.5
11
2.5
12
ns
3-7
tPZH
(
AC540)
5.0
2.0
6.5
8.5
2.0
9.5
ns
3-7
tPZL
Output Enable Time
3.3
2.5
7.5
10
2.0
11
ns
3-8
tPZL
(
AC540)
5.0
2.0
6.0
7.5
1.5
8.5
ns
3-8
tPHZ
Output Disable Time
3.3
2.5
8.5
13
1.5
14
ns
3-7
tPHZ
(
AC540)
5.0
1.5
7.5
10.5
1.0
11
ns
3-7
tPLZ
Output Disable Time
(
AC540)
3.3
2.0
7.0
10
2.0
11
ns
3-8
tPLZ
(
AC540)
5.0
1.5
6.0
8.0
1.5
9.0
ns
3-8
tPLH
Propagation Delay
Data to Output (
AC541)
3.3
2.0
5.5
8.0
1.5
9.0
ns
3-5
tPLH
Data to Output (
AC541)
5.0
1.5
4.0
6.0
1.0
6.5
ns
3-5
tPHL
Propagation Delay
Data to Output (
AC541)
3.3
2.0
5.5
8.0
1.5
8.5
ns
3-5
tPHL
Data to Output (
AC541)
5.0
1.5
4.0
6.0
1.0
6.5
ns
3-5
tPZH
Output Enable Time
(
AC541)
3.3
3.0
8.0
11.5
3.0
12.5
ns
3-7
tPZH
(
AC541)
5.0
2.0
6.0
8.5
1.5
9.5
ns
3-7
tPZL
Output Enable Time
(
AC541)
3.3
2.5
7.0
10
2.5
11.5
ns
3-8
tPZL
(
AC541)
5.0
1.5
5.5
7.5
1.0
8.5
ns
3-8
tPHZ
Output Disable Time
(
AC541)
3.3
3.5
9.0
12.5
2.5
14
ns
3-7
tPHZ
(
AC541)
5.0
2.0
7.0
9.5
1.0
10.5
ns
3-7
tPLZ
Output Disable Time
(
AC541)
3.3
2.5
6.5
9.5
2.0
10.5
ns
3-8
tPLZ
(
AC541)
5.0
2.0
5.5
7.5
1.0
8.5
ns
3-8
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn