Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT521 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74ACT521
Description  8-BIT IDENTITY COMPARATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT521 Datasheet(HTML) 1 Page - Motorola, Inc

  MC74ACT521 Datasheet HTML 1Page - Motorola, Inc MC74ACT521 Datasheet HTML 2Page - Motorola, Inc MC74ACT521 Datasheet HTML 3Page - Motorola, Inc MC74ACT521 Datasheet HTML 4Page - Motorola, Inc MC74ACT521 Datasheet HTML 5Page - Motorola, Inc MC74ACT521 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-1
FACT DATA
8Bit Identity Comparator
The MC74AC521/74ACT521 is an expandable 8-bit comparator. It
compares two words of up to eight bits each and provides a LOW output when
the two words match bit for bit. The expansion input IA=B also serves as an
active LOW enable input.
• Compares Two 8-Bit Words in 6.5 ns Typ
• Expandable to Any Word Length
• 20-Pin Package
• Outputs Source/Sink 24 mA
• ′ACT521 has TTL-Compatible Inputs
19
20
18
17
16
15
14
2
1
3
4
5
6
7
VCC
13
8
12
9
11
10
OA=B
B7
A7
B6
A6
B5
A5
B4
A4
IA=B
A0
B0
A1
B1
A2
B2
A3
B3
GND
PIN NAMES
A0–A7
Word A Inputs
B0–B7
Word B Inputs
IA=B
Expansion or Enable Input
OA=B
Identity Output
TRUTH TABLE
Inputs
Outputs
IA=B
A, B
OA=B
L
A = B*
L
L
A
≠ B
H
H
A = B*
H
H
A
≠ B
H
H = HIGH Voltage Level
L = LOW Voltage Level
*A0=B0, A1=B1, A2=B2, etc.
8-BIT IDENTITY
COMPARATOR
N SUFFIX
CASE 738-03
PLASTIC
DW SUFFIX
CASE 751D-04
PLASTIC
MC74AC521
MC74ACT521
LOGIC SYMBOL
B7 A7 B6 A6 B5 A5 B4 A4 B3 A3 B2 A2 B1 A1 B0 A0
IA=B
OA=B


Similar Part No. - MC74ACT521

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74ACT533 MOTOROLA-MC74ACT533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
MC74ACT533DW MOTOROLA-MC74ACT533DW Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
MC74ACT533N MOTOROLA-MC74ACT533N Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
MC74ACT534 MOTOROLA-MC74ACT534 Datasheet
214Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
MC74ACT534DW MOTOROLA-MC74ACT534DW Datasheet
214Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - MC74ACT521

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC521 FAIRCHILD-74AC521 Datasheet
115Kb / 9P
   8-Bit Identity Comparator
logo
NXP Semiconductors
74F521 PHILIPS-74F521 Datasheet
79Kb / 8P
   8-bit identity comparator
1990 May 15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com