Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74AC74 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MC74AC74
Description  DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC74AC74 Datasheet(HTML) 5 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC74AC74 MC74ACT74
5-5
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
fmax
Maximum Clock
Frequency
5.0
145
210
125
MHz
3-3
fmax
Frequency
5.0
145
210
125
MHz
3-3
tPLH
Propagation Delay
CDn or SDn to Qn or Qn
5.0
3.0
5.5
9.5
2.5
10.5
ns
3-6
tPLH
CDn or SDn to Qn or Qn
5.0
3.0
5.5
9.5
2.5
10.5
ns
3-6
tPHL
Propagation Delay
CDn or SDn to Qn or Qn
5.0
3.0
6.0
10.0
3.0
11.5
ns
3-6
tPHL
CDn or SDn to Qn or Qn
5.0
3.0
6.0
10.0
3.0
11.5
ns
3-6
tPLH
Propagation Delay
CPn to Qn or Qn
5.0
4.0
7.5
11.0
4.0
13.0
ns
3-6
tPLH
CPn to Qn or Qn
5.0
4.0
7.5
11.0
4.0
13.0
ns
3-6
tPHL
Propagation Delay
CPn to Qn or Qn
5.0
3.5
6.0
10.0
3.0
11.5
ns
3-6
tPHL
CPn to Qn or Qn
5.0
3.5
6.0
10.0
3.0
11.5
ns
3-6
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Typ
Guaranteed Minimum
ts
Set-up Time, HIGH or LOW
5.0
1.0
3.0
3.5
ns
3-9
ts
Dn to CPn
5.0
1.0
3.0
3.5
ns
3-9
th
Hold Time, HIGH or LOW
5.0
–0.5
1.0
1.0
ns
3-9
th
Dn to CPn
5.0
–0.5
1.0
1.0
ns
3-9
tw
CPn or CDn or SDn
5.0
3.0
5.0
6.0
ns
3-6
tw
Pulse Width
5.0
3.0
5.0
6.0
ns
3-6
trec
Recovery TIme
5.0
–2.5
0
0
ns
3-9
trec
CDn or SDn to CP
5.0
–2.5
0
0
ns
3-9
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
35
pF
VCC = 5.0 V


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn