Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145404DW Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC145404DW
Description  DRIVER / RECEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145404DW Datasheet(HTML) 6 Page - Motorola, Inc

  MC145404DW Datasheet HTML 1Page - Motorola, Inc MC145404DW Datasheet HTML 2Page - Motorola, Inc MC145404DW Datasheet HTML 3Page - Motorola, Inc MC145404DW Datasheet HTML 4Page - Motorola, Inc MC145404DW Datasheet HTML 5Page - Motorola, Inc MC145404DW Datasheet HTML 6Page - Motorola, Inc MC145404DW Datasheet HTML 7Page - Motorola, Inc MC145404DW Datasheet HTML 8Page - Motorola, Inc MC145404DW Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC145403
•MC145404•MC145405•MC145408
MOTOROLA
6
DI1 – DI
n
Data Input Pins
These are the high impedance digital input pins to the driv-
ers. Input voltage levels on these pins are LSTTL compatible
and must be between VCC and GND. A weak pull–up on
each input sets all unused DI pins to VCC, causing the corre-
sponding unused driver outputs to be at VSS.
Tx1 – TX
n
Transmit Data Output Pins
These are the EIA–232–E transmit signal output pins,
which swing from VDD to VSS. A logic 1 at the DI input causes
the corresponding Tx output to swing to VSS. A logic 0 at the
DI input causes the corresponding Tx out to swing to VDD.
The actual levels and slew rate achieved will depend on the
output loading (RL ø CL).
APPLICATION INFORMATION
POWER SUPPLY CONSIDERATIONS
Figure 4 shows a technique to guard against excessive de-
vice current.
The diode D1 prevents excessive current from flowing
through an internal diode from the VCC pin to the VDD pin
when VDD < VCC by approximately 0.6 V or greater. This high
current condition can exist for a short period of time during
power up/down. Additionally, if the + 12 V supply is switched
off while the + 5 V is on and the off supply is a low impedance
to ground, the diode D1 will prevent current flow through the
internal diode.
The diode D2 is used as a voltage clamp, to prevent VSS
from drifting positive to VCC, in the event that power is re-
moved from VSS (Pin 12). If VSS power is removed, and the
impedance from the VSS pin to ground is greater than
approximately 3 k
Ω, this pin will be pulled to VCC by internal
circuitry causing excessive current in the VCC pin.
If by design, neither of the above conditions are allowed to
exist, then the diodes D1 and D2 are not required.
ESD PROTECTION
ESD protection on IC devices that have their pins accessi-
ble to the outside world is essential. High static voltages ap-
plied to the pins when someone touches them either directly
or indirectly can cause damage to gate oxides and transistor
junctions by coupling a portion of the energy from the I/O pin
to the power supply buses of the IC. This coupling will usually
occur through the internal ESD protection diodes. The key to
protecting the IC is to shunt as much of the energy to ground
as possible before it enters the IC. Figure 4 shows a tech-
nique which will clamp the ESD voltage at approximately
± 15 V using the MMBZ15VDLT1. Any residual voltage which
appears on the supply pins is shunted to ground through the
capacitors C1 – C3. This scheme has provided protection to
the interface part up to
± 10 kV, using the human body model
test.
R
R
R
R
R
VDD
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
Rx4
Tx4
Rx5
1
2
3
4
5
6
7
8
9
10
DI1
DO2
DI2
DO3
DI3
DO4
DI4
DO5
DI5
GND
22
21
20
19
18
17
16
15
14
13
24
23
11
12
VCC
DO1
VSS
Tx5
+ 5 V
C2
D1
C3
– 12 V
1N5818
1N4001
D2
C1
+ 12 V
1N4001
D
D
D
D
D
Figure 4.
MMBZ15VDLT1 x 10


Similar Part No. - MC145404DW

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145404DW LANSDALE-MC145404DW Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
More results

Similar Description - MC145404DW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202 AD-ADM202_15 Datasheet
127Kb / 6P
   CMOS RS-232 Driver/Receivers
REV. A
ADM203 AD-ADM203_15 Datasheet
127Kb / 6P
   CMOS RS-232 Driver/Receivers
REV. A
logo
Texas Instruments
SN65LVDS1_091 TI-SN65LVDS1_091 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS1 TI-SN65LVDS1 Datasheet
282Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDS1 TI-SN65LVDS1_09 Datasheet
473Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
logo
Holt Integrated Circuit...
HI-8599 HOLTIC-HI-8599_12 Datasheet
130Kb / 16P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8581 HOLTIC-HI-8581_13 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
logo
Silicon image
SII1000 SILICONIMAGE-SII1000 Datasheet
106Kb / 2P
   PanelLink Receivers
logo
Unisonic Technologies
UT3243A UTC-UT3243A Datasheet
278Kb / 10P
   DRIVERS/RECEIVERS
UT3223 UTC-UT3223_17 Datasheet
249Kb / 9P
   DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com