Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT534 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. 74LVT534
Description  3.3V Octal D-type flip-flop; inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT534 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVT534 Datasheet HTML 1Page - NXP Semiconductors 74LVT534 Datasheet HTML 2Page - NXP Semiconductors 74LVT534 Datasheet HTML 3Page - NXP Semiconductors 74LVT534 Datasheet HTML 4Page - NXP Semiconductors 74LVT534 Datasheet HTML 5Page - NXP Semiconductors 74LVT534 Datasheet HTML 6Page - NXP Semiconductors 74LVT534 Datasheet HTML 7Page - NXP Semiconductors 74LVT534 Datasheet HTML 8Page - NXP Semiconductors 74LVT534 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LVT534
3.3V Octal D-type flip-flop, inverting (3-State)
2
1998 Feb 19
853-1855 18988
FEATURES
3-State outputs for bus interfacing
Common output enable
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
No bus current loading when output is tied to 5V bus
Power-up 3-State
Power-up reset
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The LVT534 is a high-performance BiCMOS product designed for
VCC operation at 3.3V.
This device is an 8-bit, edge triggered register coupled to eight
3-State output buffers. The two sections of the device are controlled
independently by the clock (CP) and Output Enable (OE) control
gates. The state of each D input (one set-up time before the
Low-to-High clock transition) is transferred to the corresponding
flip-flop’s Q output.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors. The
active-Low Output Enable (OE) controls all eight 3-State buffers
independent of the clock operation.
When OE is Low, the stored data appears at the outputs. When OE
is High, the outputs are in the High-impedance “off” state, which
means they will neither drive nor load the bus.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
CP to Qn
CL = 50pF;
VCC = 3.3V
3.0
3.5
ns
CIN
Input capacitance
VI = 0V or 3.0V
4
pF
COUT
Output capacitance
Outputs disabled;
VI/O = 0V or 3.0V
7
pF
ICCZ
Total supply current
Outputs disabled;
VCC = 3.6V
0.13
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic SOL
–40
°C to +85°C
74LVT534 D
74LVT534 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVT534 DB
74LVT534 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVT534 PW
74LVT534PW DH
SOT360-1
PIN CONFIGURATION
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
VCC
Q7
D7
D6
Q6
Q5
D5
D4
Q4
CP
Q0
D0
D1
Q1
Q2
D2
D3
Q3
GND
OE
SA00161
LOGIC SYMBOL
5
2
Q0
Q1
Q2
9
6
Q3
34
7
8
D0
D1
D2
D3
11
1
15
12
Q4
Q5
Q6
19
16
Q7
13
14
17
18
D4
D5
D6
D7
CP
OE
SA00162


Similar Part No. - 74LVT534

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543D PHILIPS-74LVT543D Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543DB PHILIPS-74LVT543DB Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543PW PHILIPS-74LVT543PW Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543PWDH PHILIPS-74LVT543PWDH Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
More results

Similar Description - 74LVT534

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74ABT534A PHILIPS-74ABT534A Datasheet
111Kb / 12P
   Octal D-type flip-flop, inverting 3-State
1997 Feb 03
International Rectifier
International Rectifier
74ABT534A IRF-74ABT534A Datasheet
128Kb / 12P
   Octal D-type flip-flop, inverting (3-State)
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74HC534A KODENSHI-KK74HC534A Datasheet
250Kb / 6P
   Octal 3-State Inverting D Flip-Flop
Motorola, Inc
Motorola, Inc
MC74HC564A MOTOROLA-MC74HC564A Datasheet
188Kb / 8P
   Octal 3-State Inverting D Flip-Flop
System Logic Semiconductor
System Logic Semiconduc...
HC534 SLS-HC534 Datasheet
53Kb / 5P
   Octal 3-State Inverting D Flip-Flop
NXP Semiconductors
NXP Semiconductors
74LVT574 PHILIPS-74LVT574 Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop 3-State
1998 Feb 19
ON Semiconductor
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
Motorola, Inc
Motorola, Inc
MC54-74HC374A MOTOROLA-MC54-74HC374A Datasheet
253Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz