Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT534 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74LVT534
Description  3.3V Octal D-type flip-flop; inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT534 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT534 Datasheet HTML 2Page - NXP Semiconductors 74LVT534 Datasheet HTML 3Page - NXP Semiconductors 74LVT534 Datasheet HTML 4Page - NXP Semiconductors 74LVT534 Datasheet HTML 5Page - NXP Semiconductors 74LVT534 Datasheet HTML 6Page - NXP Semiconductors 74LVT534 Datasheet HTML 7Page - NXP Semiconductors 74LVT534 Datasheet HTML 8Page - NXP Semiconductors 74LVT534 Datasheet HTML 9Page - NXP Semiconductors 74LVT534 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LVT534
3.3V Octal D-type flip-flop, inverting (3-State)
1998 Feb 19
6
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP
MIN
tS(H)
tS(L)
Setup time, High or Low, Dn to CP
2
2.0
2.6
1.0
1.3
2.0
3.2
ns
TH(H)
TH(L)
Hold time, High or Low, Dn to CP
2
0
0
–1.3
–0.9
0
0
ns
TW(H)
TW(L)
CP pulse width High or Low
1
1.5
4.2
0.8
3.0
1.5
5.0
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
tw(H)
tw(L)
1.5V
1/fMAX
tPHL
tPLH
CP
Qn
1.5V
1.5V
1.5V
1.5V
2.7V
VOH
VOL
0V
SV00044
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
Dn
CP
ts(H)
th(H)
ts(L)
th(L)
1.5V
1.5V
1.5V
1.5V
1.5V
1.5V
2.7V
0V
2.7V
0V
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
SV00108
Waveform 2. Data Setup and Hold Times
OE
tPZH
tPHZ
0V
VOH –0.3V
Qn
1.5V
1.5V
1.5V
2.7V
0V
VOH
SV00119
Waveform 3. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
OE
tPZL
tPLZ
VOL +0.3V
Qn
1.5V
1.5V
1.5V
2.7V
0V
VOL
3V
SV00120
Waveform 4. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


Similar Part No. - 74LVT534

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543D PHILIPS-74LVT543D Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543DB PHILIPS-74LVT543DB Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543PW PHILIPS-74LVT543PW Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543PWDH PHILIPS-74LVT543PWDH Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
More results

Similar Description - 74LVT534

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74ABT534A PHILIPS-74ABT534A Datasheet
111Kb / 12P
   Octal D-type flip-flop, inverting 3-State
1997 Feb 03
International Rectifier
International Rectifier
74ABT534A IRF-74ABT534A Datasheet
128Kb / 12P
   Octal D-type flip-flop, inverting (3-State)
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74HC534A KODENSHI-KK74HC534A Datasheet
250Kb / 6P
   Octal 3-State Inverting D Flip-Flop
Motorola, Inc
Motorola, Inc
MC74HC564A MOTOROLA-MC74HC564A Datasheet
188Kb / 8P
   Octal 3-State Inverting D Flip-Flop
System Logic Semiconductor
System Logic Semiconduc...
HC534 SLS-HC534 Datasheet
53Kb / 5P
   Octal 3-State Inverting D Flip-Flop
NXP Semiconductors
NXP Semiconductors
74LVT574 PHILIPS-74LVT574 Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop 3-State
1998 Feb 19
ON Semiconductor
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
Motorola, Inc
Motorola, Inc
MC54-74HC374A MOTOROLA-MC54-74HC374A Datasheet
253Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz