Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145436ADW Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC145436ADW
Description  LOW-POWER DUAL TONE MULTIPLE FREQUENCY RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145436ADW Datasheet(HTML) 3 Page - Motorola, Inc

  MC145436ADW Datasheet HTML 1Page - Motorola, Inc MC145436ADW Datasheet HTML 2Page - Motorola, Inc MC145436ADW Datasheet HTML 3Page - Motorola, Inc MC145436ADW Datasheet HTML 4Page - Motorola, Inc MC145436ADW Datasheet HTML 5Page - Motorola, Inc MC145436ADW Datasheet HTML 6Page - Motorola, Inc MC145436ADW Datasheet HTML 7Page - Motorola, Inc MC145436ADW Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC145436A
MOTOROLA
3
MAXIMUM RATINGS (Voltages Referenced to GND Unless Otherwise Noted)
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
– 0.5 to + 6.0
V
Input Voltage, Any Pin Except Ain
Vin
– 0.5 to VDD + 0.5
V
Input Voltage, Ain
Vin
VDD – 10 to VDD + 0.5
V
DC Current Drain per Pin
I
± 10
mA
Power Dissipation
PD
100
mW
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 65 to + 150
°C
ELECTRICAL CHARACTERISTICS
(All Polarities Referenced to VSS = 0 V, VDD = 5.0 V ± 10%, TA = – 40 to + 85°C, Unless Otherwise Noted)
Parameter
Symbol
Min
Typ
Max
Unit
DC Supply Voltage
VDD
4.5
5
5.5
V
Supply Current (fCLK = 3.58 MHz)
IDD
5
8
mA
Input Current
GT
ENB, Xin, Xen
Iin
450
± 1
µA
Input Voltage Low
ENB, GT, Xen
VIL
1.5
V
Input Voltage High
ENB, GT, Xen
VIH
3.5
V
Iout Data and DV Pins: Vout = 4.5 V (Source)
IOH
800
µA
Iout Data and DV Pins: Vout = 0.4 V (Sink)
IOL
1.0
mA
Input Impedance
Ain
Rin
90
100
k
Fanout
ATB
Fout
10
Input Capacitance
Xen, ENB
Cin
6
pF
ANALOG CHARACTERISTICS (VDD = 5.0 V ± 10%, TA = – 40 to + 85°C, Unless Otherwise Noted)
Parameter
Min
Typ
Max
Unit
Signal Level for Detection (Ain)
– 35
– 2
dBm
Twist = High Tone/Low Tone
– 10
10
dB
Frequency Detect Bandwidth
± (1.5 + 2 Hz)
± 2.5
± 3.5
% fO
60 Hz Tolerance
0.8
Vr ms
Dial Tone Tolerance (Note 1)
(Dial Tone 330 + 440)
0
dB
Noise Tolerance (Notes 1 and 2)
– 12
dB
Power Supply Noise (Wide Band)
10
mV p–p
Talk Off (Mitel Tape #CM7290)
2
Hits
NOTES:
1. Referenced to lower amplitude tone.
2. Bandwidth limited (0 to 3.4 kHz) Gaussian Noise.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised that
normal precautions be taken to avoid applica-
tions of any voltage higher than the maximum
rated voltages to this high impedance circuit.
For proper operation it is recommended that
Vin and Vout be constrained to the range VSS ≤
(Vin or Vout) ≤ VDD. Reliability of operation is
enhanced if unused inputs are tied to and
appropriate logic voltage level (e.g., either VSS
or VDD).


Similar Part No. - MC145436ADW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC145436A NXP-MC145436A Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
More results

Similar Description - MC145436ADW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145436 MOTOROLA-MC145436 Datasheet
449Kb / 6P
   DUAL TONE MULTIPLE FREQUENCY RECEIVER
MC145740 MOTOROLA-MC145740 Datasheet
144Kb / 12P
   DUAL TONE MULTIPLE FREQUENCY LINE INTERFACE
logo
Nippon Precision Circui...
SM8224B NPC-SM8224B Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
SM8224C NPC-SM8224C Datasheet
128Kb / 11P
   Dual-Tone Receiver IC
logo
Fujitsu Component Limit...
MB4507A FUJITSU-MB4507A Datasheet
312Kb / 11P
   DUAL TONE MULTI-FREQUENCY OSCILLATOR
logo
National Semiconductor ...
LMC567 NSC-LMC567 Datasheet
168Kb / 7P
   Low Power Tone Decoder
logo
Texas Instruments
LMC567 TI1-LMC567_15 Datasheet
404Kb / 14P
[Old version datasheet]   Low-Power Tone Decoder
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
logo
ams AG
AS3932 AMSCO-AS3932_07 Datasheet
402Kb / 34P
   3D Low Frequency Wakeup Receiver
AS3932 AMSCO-AS3932 Datasheet
1Mb / 33P
   3D Low Frequency Wakeup Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com