Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS767D325-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS767D325-Q1
Description  DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS767D325-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS767D325-Q1 Datasheet HTML 3Page - Texas Instruments TPS767D325-Q1 Datasheet HTML 4Page - Texas Instruments TPS767D325-Q1 Datasheet HTML 5Page - Texas Instruments TPS767D325-Q1 Datasheet HTML 6Page - Texas Instruments TPS767D325-Q1 Datasheet HTML 7Page - Texas Instruments TPS767D325-Q1 Datasheet HTML 8Page - Texas Instruments TPS767D325-Q1 Datasheet HTML 9Page - Texas Instruments TPS767D325-Q1 Datasheet HTML 10Page - Texas Instruments TPS767D325-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TPS767D301Q1, TPS767D318Q1, TPS767D325Q1
DUALOUTPUT LOW DROPOUT VOLTAGE REGULATORS
SGLS231 − FEBRUARY 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, Vi = VO(nom) + 1 V, IO = 1 mA, EN = 0, CO = 10 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Adjustable
1.5 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
Adjustable
1.5 V
≤ VO ≤ 5.5 V,
10
µA < IO < 1 A
TJ = −40°C to 125°C
0.98VO
1.02VO
1.8 V Ouput
2.8 V < VI < 10 V,
TJ = 25°C
1.8
V
Output voltage (VO) (see Note 2)
1.8 V Ouput
2.8 V < VI < 10 V,
10
µA < IO < 1 A
TJ = −40°C to 125°C
1.764
1.836
V
Output voltage (VO) (see Note 2)
2.5 V Output
3.5 V < VI < 10 V,
TJ = 25°C
2.5
2.5 V Output
3.5 V < VI < 10 V,
10
µA < IO < 1 A
TJ = −40°C to 125°C
2.45
2.55
3.3 V Output
4.3 V < VI < 10 V,
TJ = 25°C
3.3
V
3.3 V Output
4.3 V < VI < 10 V,
10
µA < IO < 1 A
TJ = −40°C to 125°C
3.234
3.366
V
Quiescent current (GND current) for each LDO
(see Note 2)
10
µA < IO < 1 A,
TJ = 25°C
85
A
(see Note 2)
IO = 1 A,
TJ = −40°C to 125°C
125
µA
Output voltage line regulation for each LDO
(
∆VO/VO) (see Notes 2 and 3)
VO + 1 V < VI ≤ 10 V,
TJ = 25°C
0.01
%/V
Output noise voltage
BW = 200 Hz to 100 kHz, VO = 1.8 V,
IC = 1 A, CO = 10 µF,
TJ = 25°C
55
µVrms
Output current limit for each LDO
VO = 0 V
1.7
2
A
Thermal shutdown juction temperature
150
°C
Standby current for each LDO
2.7 < VI < 10V,
TJ = 25°C,
EN = VI,
1
µA
Standby current for each LDO
2.7 < VI < 10V,
TJ = −40°C to 125°C
EN = VI,
10
µA
FB input current
Adjustable
FB = 1.5 V
2
nA
High level enable input voltage
2.0
V
Low level enable input voltage
0.8
V
Power supply ripple rejection (see Note 2)
f = 1 KHz, TJ = 25°C, CO = 10 µF
60
dB
Minimum input voltage for valid RESET
IO(RESET) = 300 µA
1.1
V
Trip threshold voltage
VO decreasing
92
98
%VO
Reset
Hysteresis voltage
Measured at VO
0.5
%VO
Reset
Output low voltage
VI = 2.7 V,
IO(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 7 V
1
µA
RESET time-out delay
200
mA
NOTES:
2. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. maximum IN voltage 10V.
3. If VO
≤ 1.8 V, VImin = 2.7 V, and VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
2.7 V
100
1000
If VO
≥ 2.5 V, VImin = Vo + 1 V, and VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
V
O )
1V
100
1000


Similar Part No. - TPS767D325-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767D325-Q1 TI1-TPS767D325-Q1 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS767D325-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com