Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145446A Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC145446A
Description  SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145446A Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC145446A Datasheet HTML 3Page - Motorola, Inc MC145446A Datasheet HTML 4Page - Motorola, Inc MC145446A Datasheet HTML 5Page - Motorola, Inc MC145446A Datasheet HTML 6Page - Motorola, Inc MC145446A Datasheet HTML 7Page - Motorola, Inc MC145446A Datasheet HTML 8Page - Motorola, Inc MC145446A Datasheet HTML 9Page - Motorola, Inc MC145446A Datasheet HTML 10Page - Motorola, Inc MC145446A Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC145446A
MOTOROLA
7
Figure 2. Out–of–Band Energy
– 55
– 15 dB/OCT.
f (Hz)
256 k
16 k
4 k
3.4 k
0
0
– 25
Figure 3. FSK, DTMF Carrier Detect Timing
Von
Voff
RxA, DTMF IN
SD/DV/CD
toff
ton
Figure 4. DTMF Frequency Detect Bandwidth
NO–DETECT
DETECT MINIMUM
WIDTH
NO–DETECT
– 3.5%
– 1.5% – 2 Hz
+ 1.5% + 2 Hz
+ 3.5%
fo


Similar Part No. - MC145446A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442BDW MOTOROLA-MC145442BDW Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
LANSDALE Semiconductor ...
MC145442BDW LANSDALE-MC145442BDW Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145442BDW LANSDALE-MC145442BDW Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
More results

Similar Description - MC145446A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2 Datasheet
174Kb / 6P
   19200 baud modem transceiver
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
STMicroelectronics
TS7514 STMICROELECTRONICS-TS7514 Datasheet
170Kb / 19P
   PROGRAMMABLE V.23 MODEM WITH DTMF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com