Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT245PWDH Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVT245PWDH
Description  3.3V Octal transceiver with direction pin 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT245PWDH Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVT245PWDH Datasheet HTML 1Page - NXP Semiconductors 74LVT245PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT245PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT245PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT245PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT245PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT245PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT245PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT245PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVT245
3.3V Octal transceiver with direction pin (3-State)
1998 Feb 19
5
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V +0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
1
1.0
1.0
2.4
2.4
4.0
4.0
4.7
4.6
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.1
1.5
3.3
3.2
5.5
5.5
7.1
6.5
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
2
2.2
2.0
3.6
3.4
5.9
4.8
6.5
4.8
ns
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
An or Bn
INPUT
VM
VM
Bn or An
OUTPUT
VM
VM
tPHL
tPLH
SA00192
Waveform 1. Input (An or Bn) to Output (Bn or An) Propagation
Delays
OE INPUT
tPZH
tPHZ
Bn or An
OUTPUT
VOH
An or Bn
OUTPUT
VOL
tPZL
tPLZ
3.0V
0V
VOL + 0.3V
VOH – 0.3V
2.7V
1.5V
1.5V
1.5V
1.5V
0V
SV00106
Waveform 2. 3-State Output Enable and Disable Times


Similar Part No. - 74LVT245PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT245PW NXP-74LVT245PW Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 03-8 May 2008
logo
Nexperia B.V. All right...
74LVT245PW NEXPERIA-74LVT245PW Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
More results

Similar Description - 74LVT245PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
74LVT640_2 PHILIPS-74LVT640_2_15 Datasheet
110Kb / 10P
   3.3V Octal transceiver with direction pin; inverting (3-State)
1998 Feb 19
74LVT640 PHILIPS-74LVT640 Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
   Octal transceiver with direction pin 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
logo
NXP Semiconductors
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
   Octal transceiver with direction pin (3-State)
74ABT640 PHILIPS-74ABT640 Datasheet
104Kb / 10P
   Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74LVT245 NXP-74LVT245 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 03-8 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com